Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RZL035P01 Datasheet(PDF) 2 Page - Rohm

Part # RZL035P01
Description  1.5V Drive Pch MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RZL035P01 Datasheet(HTML) 2 Page - Rohm

  RZL035P01 Datasheet HTML 1Page - Rohm RZL035P01 Datasheet HTML 2Page - Rohm RZL035P01 Datasheet HTML 3Page - Rohm RZL035P01 Datasheet HTML 4Page - Rohm RZL035P01 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/4
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.12 - Rev.A
Data Sheet
RZL035P01
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
IGSS
Yfs
Min.
Typ.
Max.
Unit
Conditions
V(BR) DSS
IDSS
VGS (th)
RDS (on)
Ciss
Coss
Crss
td (on)
tr
td (off)
tf
Qg
Qgs
Qgd
Gate-source leakage
Drain-source breakdown voltage
Zero gate voltage drain current
Gate threshold voltage
Static drain-source on-state
resistance
Forward transfer admittance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on delay time
Rise time
Turn-off delay time
Fall time
Total gate charge
Gate-source charge
Gate-drain charge
−−
±10
µAVGS=±10V, VDS=0V
VDD
−6V, ID= −3.5A
−12
−−
VID=
−1mA, VGS=0V
−−
−1
µAVDS= −12V, VGS=0V
−0.3
−−1.0
V
VDS=
−6V, ID= −1mA
26
36
ID=
−3.5A, VGS= −4.5V
36
50
m
m
m
ID=
−1.7A, VGS= −2.5V
46
69
ID=
−1.7A, VGS= −1.8V
m
66
132
ID=
−0.7A, VGS= −1.5V
5.5
−−
SVDS=
−6V, ID= −3.5A
1940
pF
VDS=
−6V
260
240
pF
VGS=0V
10
pF
f=1MHz
50
ns
350
ns
180
ns
20
ns
3.5
nC
3.0
nC
VGS=
−4.5V
−−
nC
VDD
−6V
ID=
−1.7A
VGS=
−4.5V
RL
3.5
RL
1.7
Ω, RG=10Ω
RG=10
∗Pulsed
Body diode characteristics (Source-drain) (Ta=25
°C)
VSD
−−
−1.2
V
Forward voltage
∗ Pulsed
IS=
−3.5A, VGS=0V
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com