Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RZL035P01 Datasheet(PDF) 1 Page - Rohm

Part # RZL035P01
Description  1.5V Drive Pch MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RZL035P01 Datasheet(HTML) 1 Page - Rohm

  RZL035P01 Datasheet HTML 1Page - Rohm RZL035P01 Datasheet HTML 2Page - Rohm RZL035P01 Datasheet HTML 3Page - Rohm RZL035P01 Datasheet HTML 4Page - Rohm RZL035P01 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/4
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.12 - Rev.A
1.5V Drive Pch MOSFET
RZL035P01
Structure
Dimensions (Unit : mm)
Silicon P-channel MOSFET
Features
1) Low on-resistance.
2) High power package.
3) Low voltage drive. (1.5V)
Application
Switching
Packaging specifications
Package
Code
Taping
Basic ordering unit (pieces)
RZL035P01
TR
3000
Type
Absolute maximum ratings (Ta=25
°C)
Inner circuit
∗1
∗1
∗2
Parameter
V
VDSS
Symbol
−12
V
VGSS
±10
A
ID
±3.5
A
IDP
±14
A
IS
−0.8
A
ISP
−14
W
PD
1.0
°C
Tch
150
°C
Tstg
−55 to +150
Limits
Unit
Drain-source voltage
Gate-source voltage
Drain current
Total power dissipation
Channel temperature
Range of Storage temperature
Continuous
Pulsed
Continuous
Pulsed
∗1 Pw≤10µs, Duty cycle≤1%
∗2 Mounted on a ceramic board
Source current
(Body diode)
Thermal resistance
°C / W
Rth (ch-a)
125
Parameter
Symbol
Limits
Unit
Channel to ambient
∗ When mounted on a ceramic board.
TUMT6
Abbreviated symbol : YB
(1) Drain
(2) Drain
(3) Gate
(4) Source
(5) Drain
(6) Drain
∗1 ESD PROTECTION DIODE
∗2 BODY DIODE
∗2
∗1
(6)
(1)
(5)
(2)
(4)
(3)


Similar Part No. - RZL035P01

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
RZL035P01 VBSEMI-RZL035P01 Datasheet
1Mb / 9P
P-Channel 20 V (D-S) MOSFET
More results

Similar Description - RZL035P01

ManufacturerPart #DatasheetDescription
logo
Rohm
QS6J11 ROHM-QS6J11 Datasheet
227Kb / 5P
1.5V Drive PchPch MOSFET
QS8J1 ROHM-QS8J1 Datasheet
190Kb / 6P
1.5V Drive PchPch MOSFET
TT8J1 ROHM-TT8J1_09 Datasheet
230Kb / 6P
1.5V Drive PchPch MOSFET
TT8J21 ROHM-TT8J21_09 Datasheet
201Kb / 6P
1.5V Drive PchPch MOSFET
US6J11 ROHM-US6J11_09 Datasheet
239Kb / 5P
1.5V Drive PchPch MOSFET
QS8J11 ROHM-QS8J11 Datasheet
1Mb / 7P
1.5V Drive Pch Pch MOSFET
QS8J12 ROHM-QS8J12 Datasheet
1Mb / 7P
1.5V Drive Pch Pch MOSFET
RAL025P01 ROHM-RAL025P01 Datasheet
1Mb / 7P
1.5V Drive Pch MOSFET
TT8J11 ROHM-TT8J11 Datasheet
1Mb / 7P
1.5V Drive Pch Pch MOSFET
TT8J13 ROHM-TT8J13 Datasheet
1Mb / 7P
1.5V Drive Pch Pch MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com