Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSV Datasheet(PDF) 3 Page - Suntan Capacitors

Part # TSV
Description  ZINC OXIDE VARISTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TSV Datasheet(HTML) 3 Page - Suntan Capacitors

  TSV Datasheet HTML 1Page - Suntan Capacitors TSV Datasheet HTML 2Page - Suntan Capacitors TSV Datasheet HTML 3Page - Suntan Capacitors TSV Datasheet HTML 4Page - Suntan Capacitors TSV Datasheet HTML 5Page - Suntan Capacitors TSV Datasheet HTML 6Page - Suntan Capacitors TSV Datasheet HTML 7Page - Suntan Capacitors TSV Datasheet HTML 8Page - Suntan Capacitors TSV Datasheet HTML 9Page - Suntan Capacitors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ZINC OXIDE VARISTOR
Suntan®
TSV
ZINC OXIDE VARISTOR 7D
SPECIFICATION
Maximum
allowable
Voltage
Maximum Energy
Withstanding
Surge Current
Rated
Wattage
Varistor
Voltage
Maxiumum
Clamping
Voltage
Typical
Capacitance
(reference)
1 time
2 times
Part No
ACrms
(V)
DC
(V)
(10/1000us)
(J)
(2ms)
(J)
(A)
(W)
V1mA (V)
V5A (V)
@1KHz
(pF)
TSV07D821K
510
670
67.2
48.0
820(738-902)
1355
60
TSV07D781K
485
640
67.2
48.0
780(702-858)
1290
65
TSV07D751K
460
615
67.2
48.0
750(675-825)
1240
65
TSV07D681K
420
560
61.6
44.0
680(612-748)
1120
75
TSV07D621K
385
505
61.6
44.0
620(558-682)
1025
80
TSV07D561K
350
460
56.0
40.0
560(504-616)
920
90
TSV07D511K
320
415
56.0
40.0
510(459-561)
845
100
TSV07D471K
300
385
56.0
40.0
470(423-517)
775
105
TSV07D431K
275
350
50.4
36.0
430(387-473)
710
115
TSV07D391K
250
320
46.2
33.0
390(351-429)
650
130
TSV07D361K
230
300
42.0
30.0
360(324-396)
595
140
TSV07D331K
210
275
37.8
27.0
330(297-363)
550
150
TSV07D301K
190
250
35.0
25.0
300(270-330)
500
165
TSV07D271K
175
225
32.2
23.0
270(243-297)
455
185
TSV07D241K
150
200
28.0
20.0
240(216-264)
395
210
TSV07D221K
140
180
28.0
20.0
220(198-242)
360
230
TSV07D201K
130
170
25.2
18.0
200(185-225)
340
250
TSV07D181K
115
150
18.2
13.0
180(162-198)
300
280
TSV07D151K
95
125
16.8
12.0
150(135-165)
250
330
TSV07D121K
75
100
14.0
10.0
120(108-132)
200
420
TSV07D101K
60
85
11.6
8.3
100(90-110)
165
500
TSV07D820K
50
65
9.8
7.0
1200
600
0.25
82(74-90)
135
600
TSV07D680K
40
56
7.3
5.2
68(61-75)
#135
740
TSV07D560K
35
45
6.2
4.4
56(50-62)
#110
890
TSV07D470K
30
38
5.0
3.6
47(42-52)
#93
1100
TSV07D390K
25
31
4.2
3.0
39(35-43)
#77
1300
TSV07D330K
20
26
3.5
2.5
33(30-36)
#65
1500
TSV07D270K
17
22
2.8
2.0
27(24-30)
#53
1800
TSV07D220K
14
18
2.4
1.7
22(18.7-26)
#43
2300
TSV07D180L
11
14
2.1
1.5
250
125
0.02
18(14.4-21.6)
#36
2800
#680K—180L Max. Clamping Voltage testing current 2.5A.
DIMENSIONS
DIMENSIONS(mm)
Model
No.
T
MAX.
D
MAX.
H
MAX.
d.
E±0.8
L
MIN.
180LD07
|
680KD07
4.5
9
12
0.6
5
20
820KD07
|
471KD07
4.1
|
6.0
9
12
0.6
5
20
511KD07
|
751KD07
6.4
|
7.9
9
12
0.6
5
20
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com