Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSV Datasheet(PDF) 4 Page - Suntan Capacitors

Part # TSV
Description  ZINC OXIDE VARISTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TSV Datasheet(HTML) 4 Page - Suntan Capacitors

  TSV Datasheet HTML 1Page - Suntan Capacitors TSV Datasheet HTML 2Page - Suntan Capacitors TSV Datasheet HTML 3Page - Suntan Capacitors TSV Datasheet HTML 4Page - Suntan Capacitors TSV Datasheet HTML 5Page - Suntan Capacitors TSV Datasheet HTML 6Page - Suntan Capacitors TSV Datasheet HTML 7Page - Suntan Capacitors TSV Datasheet HTML 8Page - Suntan Capacitors TSV Datasheet HTML 9Page - Suntan Capacitors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ZINC OXIDE VARISTOR
Suntan®
TSV
ZINC OXIDE VARISTOR 9D
SPECIFICATION
Maximum
allowable
Voltage
Maximum Energy
Withstanding
Surge Current
Rated
Wattage
Varistor
Voltage
Maxiumum
Clamping
Voltage
Typical
Capacitance
(reference)
1 time
2 times
Part No
ACrms
(V)
DC
(V)
(10/1000us)
(J)
(2ms)
(J)
(A)
(W)
V1mA (V)
V5A (V)
@1KHz
(pF)
TSV09D112K
680
895
98.0
70.0
1100(990-1210)
1815
90
TSV09D102K
625
825
91.0
65.0
1000(900-1100)
1650
100
TSV09D911K
550
745
84.0
60.0
910(819-1001)
1500
110
TSV09D821K
510
670
77.0
55.0
820(738-902)
1355
120
TSV09D781K
485
640
70.0
50.0
780(702-858)
1290
130
TSV09D751K
460
615
70.0
50.0
750(675-825)
1240
130
TSV09D681K
420
560
63.0
45.0
680(612-748)
1120
150
TSV09D621K
385
505
63.0
45.0
620(558-682)
1025
160
TSV09D561K
350
460
63.0
45.0
560(504-616)
920
180
TSV09D511K
320
415
63.0
45.0
510(459-561)
845
200
TSV09D471K
300
385
63.0
45.0
470(423-517)
775
210
TSV09D431K
275
350
63.0
45.0
430(387-473)
710
230
TSV09D391K
250
320
56.0
40.0
390(351-429)
650
260
TSV09D361K
230
300
49.0
35.0
360(324-396)
595
280
TSV09D331K
210
275
49.0
35.0
330(297-363)
550
300
TSV09D301K
190
250
42.0
30.0
300(270-330)
500
330
TSV09D271K
175
225
42.0
30.0
270(243-297)
455
370
TSV09D241K
150
200
35.0
25.0
240(216-264)
395
420
TSV09D221K
140
180
32.2
23.0
220(198-242)
360
450
TSV09D201K
130
170
28.0
20.0
2500
1250
0.4
200(185-225)
340
500
TSV09D181K
115
150
25.2
18.0
180(162-198)
300
560
TSV09D151K
95
125
22.4
16.0
150(135-165)
250
670
TSV09D121K
75
100
16.8
12.0
120(108-132)
200
830
TSV09D101K
60
85
14.0
10.0
100(90-110)
165
1000
TSV09D820K
50
65
11.2
8.0
82(74-90)
135
1200
TSV09D680K
40
56
9.1
6.5
68(61-75)
#135
1500
TSV09D560K
35
45
7.7
5.5
56(50-62)
#110
1800
TSV09D470K
30
38
6.3
4.5
47(42-52)
#93
2100
TSV09D390K
25
31
4.9
3.5
39(35-43)
#77
2600
TSV09D330K
20
26
4.2
3.0
33(30-36)
#65
3000
TSV09D270K
17
22
3.5
2.5
27(24-30)
#53
3700
TSV09D220K
14
18
2.8
2.0
22(18.7-26)
#43
4500
TSV09D180L
11
14
2.1
1.5
500
250
0.05
18(14.4-21.6)
#36
5600
#680K—180L Max. Clamping Voltage testing current 5A.
DIMENSIONS
DIMENSIONS(mm)
Model
No.
T
MAX.
D
MAX.
H
MAX.
d.
E±0.8
L
MIN.
180LD09
|
680KD09
4.6
|
5.2
11.5
14
0.6
5
20
820KD09
|
471KD09
4.3
|
6.2
11.5
14
0.6
5
20
511KD09
|
112KD09
6.4
|
9.6
11.5
14
0.6
5.5
20
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com