Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS6431GSTB Datasheet(PDF) 6 Page - Silicon Standard Corp.

Part # SS6431GSTB
Description  Adjustable High-Precision Shunt Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6431GSTB Datasheet(HTML) 6 Page - Silicon Standard Corp.

Back Button SS6431GSTB Datasheet HTML 2Page - Silicon Standard Corp. SS6431GSTB Datasheet HTML 3Page - Silicon Standard Corp. SS6431GSTB Datasheet HTML 4Page - Silicon Standard Corp. SS6431GSTB Datasheet HTML 5Page - Silicon Standard Corp. SS6431GSTB Datasheet HTML 6Page - Silicon Standard Corp. SS6431GSTB Datasheet HTML 7Page - Silicon Standard Corp. SS6431GSTB Datasheet HTML 8Page - Silicon Standard Corp. SS6431GSTB Datasheet HTML 9Page - Silicon Standard Corp. SS6431GSTB Datasheet HTML 10Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.SiliconStandard.com
6 of 11
SS6431G
TYPICAL PERFORMANCE CHARACTERISTICS
(Continued)
10
100
1k
10k
100k
1M
10M
-10
0
10
20
30
40
50
60
70
80
Av
IZ =10mA
TA=25
°C
Fig. 10 Small Signal Voltage Amplification vs. Frequency
Frequency (Hz)
R1
10k
R2
250
+
VIN
CIN
47
µF
V1
SS6431G
Output
Fig. 11 Test Circuit For Frequency Response
Fig. 12 Pulse Response
Input
Output
RA
50
RB
220
SS6431G
OUTPUT
Pulse Gen.
f=100kHz
Fig. 13 Test Circuit For Pulse Response
1E-4
1E-3
0.01
0.1
1
10
0
20
40
60
80
100
Fig. 14 Stability Boundary Conditions
Load Capacitance (
µF)
VZ=VREF
Stable
Stable
CL
VIN
R
150
SS6431G
VZ
Fig. 15 Test Circuit for Stability Boundary Conditions
The areas between the curves represent conditions that
may cause the device to oscillate.
2/10/2005 Rev.2.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com