Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS6431GSTB Datasheet(PDF) 7 Page - Silicon Standard Corp.

Part # SS6431GSTB
Description  Adjustable High-Precision Shunt Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6431GSTB Datasheet(HTML) 7 Page - Silicon Standard Corp.

Back Button SS6431GSTB Datasheet HTML 3Page - Silicon Standard Corp. SS6431GSTB Datasheet HTML 4Page - Silicon Standard Corp. SS6431GSTB Datasheet HTML 5Page - Silicon Standard Corp. SS6431GSTB Datasheet HTML 6Page - Silicon Standard Corp. SS6431GSTB Datasheet HTML 7Page - Silicon Standard Corp. SS6431GSTB Datasheet HTML 8Page - Silicon Standard Corp. SS6431GSTB Datasheet HTML 9Page - Silicon Standard Corp. SS6431GSTB Datasheet HTML 10Page - Silicon Standard Corp. SS6431GSTB Datasheet HTML 11Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
www.SiliconStandard.com
7 of 11
SS6431G
TYPICAL PERFORMANCE CHARACTERISTICS
(Continued)
1K
10K
100K
1M
0.1
1
10
Iz=10mA
TA=25°C
Fig. 16 Dynamic impedance vs. Frequency
Frequency (Hz)
R1
50
+
AC
3V
R2
50
SS6431G
GND
Output
+
Fig. 17 Test Circuit for Dynamic Impedance
-
SYMBOL
BLOCK DIAGRAM
ANODE (A)
REF (R)
CATHODE (C)
SS6431G
ANODE (A)
REF (R)
+
-
2.495V
PIN DESCRIPTIONS
CATHODE Pin -
Sinks current with a range from 250
µA to 200mA for normal applications.
VREF Pin
-
Providing VREF=2.495V (typ.) for adjustable output voltage.
ANODE Pin
-
Anode pin sources current for normal application. The current value is the same as Cath-
ode pin.
2/10/2005 Rev.2.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com