Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS6550COTR Datasheet(PDF) 6 Page - Silicon Standard Corp.

Part # SS6550COTR
Description  Low-Noise Synchronous PWM Step-Down DC/DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6550COTR Datasheet(HTML) 6 Page - Silicon Standard Corp.

Back Button SS6550COTR Datasheet HTML 2Page - Silicon Standard Corp. SS6550COTR Datasheet HTML 3Page - Silicon Standard Corp. SS6550COTR Datasheet HTML 4Page - Silicon Standard Corp. SS6550COTR Datasheet HTML 5Page - Silicon Standard Corp. SS6550COTR Datasheet HTML 6Page - Silicon Standard Corp. SS6550COTR Datasheet HTML 7Page - Silicon Standard Corp. SS6550COTR Datasheet HTML 8Page - Silicon Standard Corp. SS6550COTR Datasheet HTML 9Page - Silicon Standard Corp. SS6550COTR Datasheet HTML 10Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
www.SiliconStandard.com
6 of 13
SS6550
n TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Fig. 13
Supply Current vs. Supply Voltage
Supply Voltage (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
SYNC/PWM=IN
VOUT=1.8V
VOUT=3.3V
VOUT=2.5V
Fig. 14
No Load Current vs. Supply Voltage
Supply Voltage (V)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
20.0
22.5
25.0
27.5
30.0
32.5
35.0
37.5
40.0
VOUT=1.8V
SYNC/PWM=GND
R1=560K R2=400K
Fig. 15
Operation Frequency vs. Tuning Resistor
Tuning Resistor (
Ω)
1000
500
600
700
800
900
1000
0
Fig. 16
Start-up from Shutdown, RLOAD=3
Ω
Fig. 17
Load Transient Response
VOUT=1.8V;
ILOAD=50mA to 500mA;
SYNC/MODE=IN
VOUT=1.8V;
ILOAD=50mA
to
500mA;
SYNC/MODE=GND
Fig. 18
Load Transient Response
Rev.2.01 6/06/2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com