Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS6550COTR Datasheet(PDF) 9 Page - Silicon Standard Corp.

Part # SS6550COTR
Description  Low-Noise Synchronous PWM Step-Down DC/DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6550COTR Datasheet(HTML) 9 Page - Silicon Standard Corp.

Back Button SS6550COTR Datasheet HTML 5Page - Silicon Standard Corp. SS6550COTR Datasheet HTML 6Page - Silicon Standard Corp. SS6550COTR Datasheet HTML 7Page - Silicon Standard Corp. SS6550COTR Datasheet HTML 8Page - Silicon Standard Corp. SS6550COTR Datasheet HTML 9Page - Silicon Standard Corp. SS6550COTR Datasheet HTML 10Page - Silicon Standard Corp. SS6550COTR Datasheet HTML 11Page - Silicon Standard Corp. SS6550COTR Datasheet HTML 12Page - Silicon Standard Corp. SS6550COTR Datasheet HTML 13Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
www.SiliconStandard.com
9 of 13
SS6550
Introduction
The SS6550 is a low-noise, pulse-width-modulated
(PWM), DC/DC step-down converter. It features an in-
ternal synchronous rectifier, which eliminates the ex-
ternal Schottky diode. The SS6550 is suitable for
Li-lon battery applications, or can be used with 3V or
5V fixed input voltages. It operates in one of the follow-
ing four modes
1.
The SS6550 can operate in PWM mode
with a fixed frequency, regardless of its
load.
2.
In synchronizable PWM mode, it allows an
external switching frequency to control and
minimize harmonics.
3.
In idle mode (PWM/PFM), it can extend
battery life by switching to PFM pulse-
skipping mode during light loads.
4.
In shutdown mode, the device will stop
working and the supply current will reduce
to 0.1
µA or less.
The continuous output current of the SS6550
can be up to 800mA and the output voltage can be
adjusted from 0.75V to VIN with an input range
from 2.5V to 5.5V using a voltage divider. The
SS6550 also features high efficiency, low drop-
out voltage, and a 0.75V reference with
±1.2% ac-
curacy. It is available in a space-saving 8-pin
MSOP package.
Operation
When powered on, the control logic block detects
whether the SYNC/MODE pin is connected to VIN or
GND to determine the operation function and gives a
signal to the PWM/PFM control block to determine the
proper
comparator
(ref.
Block
Diagram).
The
SS6550 works with an internal synchronous rectifier
Q3, to increase efficiency. When the control logic block
turns Q2 on, Q3 will turn off through the anti-short-
through block. Similarly, when Q3 is on, Q2 will turn off.
The SS6550 provides a current limit function by us-
ing a 5
Ω resistor. When Q1 turns on, current flows
through the 5
Ω resistor and the current amplifier
senses the voltage across the resistor and amplifies it.
When the sensed voltage gets bigger than the refer-
ence voltage, the control logic shuts the device off.
PWM/PFM Function
When connecting the SYNC/MODE pin to VIN, the de-
vice is forced into the PWM (Pulse-Width-Modulated)
mode with constant frequency. The advantage of con-
stant frequency is that noise can be reduced easily
without complex post-filtering. However, it has the dis-
advantage of low efficiency at light loading. Therefore,
the SS6550 provides a function to solve this prob-
lem. When connecting the SYNC/MODE pin to GND,
the device is able to get into PWM/PFM (Pulse-
Frequency-Modulated) modes. Under a light load con-
dition, the device shifts to PFM mode, which results in
a higher efficiency. PWM mode is on under heavy
loading and the noise is reduced.
Frequency Synchronization
Connecting
an
external
clock
signal
to
the
SNYC/MODE pin can control the switching frequency.
The acceptable range is from 500 kHz to 1 MHz. This
mode exhibits low output ripple as well as low audio
noise and reduces RF interference, while providing
reasonable low current efficiency.
Adjustable Switching Frequency
The decrease of the switching frequency can also be
controlled by connecting an external resistor from the
RT pin to ground (ref. Fig. 15). In this mode, the PFM
mode is disabled and the device operates with the ad-
justed frequency. This function is helpful in reducing
high frequency harmonics and a post-filter can be eas-
ily designed for this function. However, there will be an
increase in ripple voltage.
n APPLICATION INFORMATION
Rev.2.01 6/06/2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com