Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X24022PI Datasheet(PDF) 5 Page - Xicor Inc.

Part # X24022PI
Description  Serial E2PROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24022PI Datasheet(HTML) 5 Page - Xicor Inc.

  X24022PI Datasheet HTML 1Page - Xicor Inc. X24022PI Datasheet HTML 2Page - Xicor Inc. X24022PI Datasheet HTML 3Page - Xicor Inc. X24022PI Datasheet HTML 4Page - Xicor Inc. X24022PI Datasheet HTML 5Page - Xicor Inc. X24022PI Datasheet HTML 6Page - Xicor Inc. X24022PI Datasheet HTML 7Page - Xicor Inc. X24022PI Datasheet HTML 8Page - Xicor Inc. X24022PI Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
X24022
5
BUS ACTIVITY:
MASTER
SDA LINE
BUS ACTIVITY:
X24022
S
T
A
R
T
SLAVE
ADDRESS
S
S
T
O
P
P
A
C
K
A
C
K
A
C
K
WORD
ADDRESS
DATA
Figure 4. Slave Address
DEVICE ADDRESSING
Following a start condition the master must output the
address of the slave it is accessing. The most significant
four bits of the slave address are the device type identifier
(see Figure 4). For the X24022 this is fixed as 1010[B].
The next three significant bits address a particular
device. A system could have up to eight X24022 devices
on the bus (see Figure 10). The eight addresses are
defined by the state of the A0, A1 and A2 inputs.
The last bit of the slave address defines the operation to
be performed. When set to one a read operation is
selected, when set to zero a write operation is selected.
Following the start condition, the X24022 monitors the
SDA bus comparing the slave address being transmit-
ted with its slave address (device type and state of A0,
A1 and A2 inputs). Upon a correct compare the X24022
outputs an acknowledge on the SDA line. Depending on
the state of the R/
W bit, the X24022 will execute a read
or write operation.
WRITE OPERATIONS
Byte Write
For a write operation, the X24022 requires a second
address field. This address field is the word address,
comprised of eight bits, providing access to any one of
the 256 words of memory. Upon receipt of the word
address the X24022 responds with an acknowledge,
and awaits the next eight bits of data, again responding
with an acknowledge. The master then terminates the
transfer by generating a stop condition, at which time the
X24022 begins the internal write cycle to the nonvolatile
memory. While the internal write cycle is in progress the
X24022 inputs are disabled, and the device will not
respond to any requests from the master. Refer to
Figure 5 for the address, acknowledge and data transfer
sequence.
3848 FHD F09
Figure 5. Byte Write
3848 FHD F10
1
0
1
0
A2
A1
A0
R/W
DEVICE TYPE
IDENTIFIER
DEVICE
ADDRESS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com