| Electronic Components Datasheet Search |
|
X24022PI Datasheet(PDF) 7 Page - Xicor Inc. |
|
|
|||||||||||||||||||||||||||||
X24022PI Datasheet(HTML) 7 Page - Xicor Inc. |
|
7 / 14 page ![]() X24022 7 BUS ACTIVITY: MASTER SDA LINE BUS ACTIVITY: X24022 S T A R T SLAVE ADDRESS S S T O P P A C K A C K A C K WORD ADDRESS n SLAVE ADDRESS DATA n S T A R T S BUS ACTIVITY: MASTER SDA LINE BUS ACTIVITY: X24022 S T A R T SLAVE ADDRESS S S T O P P A C K DATA READ OPERATIONS Read operations are initiated in the same manner as write operations with the exception that the R/ W bit of the slave address is set to a one. There are three basic read operations: current address read, random read and sequential read. It should be noted that the ninth clock cycle of the read operation is not a “don’t care.” To terminate a read operation, the master must either issue a stop condition during the ninth cycle or hold SDA HIGH during the ninth clock cycle and then issue a stop condition. Current Address Read Internally the X24022 contains an address counter that maintains the address of the last word accessed, incremented by one. Therefore, if the last access (either a read or write) was to address n, the next read operation would access data from address n + 1. Upon receipt of the slave address with R/ W set to one, the X24022 issues an acknowledge and transmits the eight bit word during the next eight clock cycles. The read operation is terminated by the master; by not responding with an acknowledge and by issuing a stop condition. Refer to Figure 7 for the sequence of address, acknowledge and data transfer. Random Read Random read operations allow the master to access any memory location in a random manner. Prior to issuing the slave address with the R/ W bit set to one, the master must first perform a “dummy” write operation. The mas- ter issues the start condition, and the slave address followed by the word address it is to read. After the word address acknowledge, the master immediately reissues the start condition and the slave address with the R/ W bit set to one. This will be followed by an acknowledge from the X24022 and then by the eight bit word. The read operation is terminated by the master; by not responding with an acknowledge and by issuing a stop condition. Refer to Figure 8 for the address, acknowledge and data transfer sequence. Figure 7. Current Address Read 3848 FHD F13 Figure 8. Random Read 3848 FHD F14 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |