Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X24321 Datasheet(PDF) 11 Page - Xicor Inc.

Part # X24321
Description  400 KHz 2-Wire Serial E2PROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24321 Datasheet(HTML) 11 Page - Xicor Inc.

Back Button X24321 Datasheet HTML 5Page - Xicor Inc. X24321 Datasheet HTML 6Page - Xicor Inc. X24321 Datasheet HTML 7Page - Xicor Inc. X24321 Datasheet HTML 8Page - Xicor Inc. X24321 Datasheet HTML 9Page - Xicor Inc. X24321 Datasheet HTML 10Page - Xicor Inc. X24321 Datasheet HTML 11Page - Xicor Inc. X24321 Datasheet HTML 12Page - Xicor Inc. X24321 Datasheet HTML 13Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
X24321
11
SYMBOL TABLE
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from Low to
High
Will change
from Low to
High
May change
from High to
Low
Will change
from High to
Low
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance 7040 FM 17
The program cycle time is the time from a valid stop condition of a program sequence to the end of the internal
erase/program cycle. During the program cycle, the X24321 bus interface circuits are disabled, SDA is allowed to
remain HIGH, and the device does not respond to its slave address.
Bus Timing
tSU:STA
t HD:STA
tHD:DAT
t SU:DAT
tLOW
t SU:STO
t R
t BUF
SCL
SDA IN
SDA OUT
t DH
tAA
tF
tHIGH
7040 FM 14
Program Cycle Limits
7040 FRM T11
Symbol
Parameter
Min.
Typ.(7)
Max.
Units
TWR
(8)
Program Cycle Time
5
10
ms
SCL
SDA
8th BIT
WORD n
ACK
t WR
ST OP
CONDITION
START
CONDITION
7040 FM 15
Guidelines for Calculating Typical Values of
Bus Pull-Up Resistors
120
100
80
40
60
20
20
40
60
80 100 120
0
0
BUS CAPACITANCE (pF)
MIN.
RESISTANCE
MAX.
RESISTANCE
RMAX =
CBUS
t R
RMIN =
IOL MIN
VCC MAX
=1.8K
Ω
7040 FM 16
Bus Timing
Notes: (7) Typical values are for TA = 25°C and nominal supply voltage (5V).
(8) tWR is the minimum cycle time to be allowed from the system perspective unless polling techniques are used. It is the maximum
time the device requires to automatically complete the nonvolatile write operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com