| Electronic Components Datasheet Search |
|
X24321 Datasheet(PDF) 2 Page - Xicor Inc. |
|
|
|||||||||||||||||||||||||||||
X24321 Datasheet(HTML) 2 Page - Xicor Inc. |
|
2 / 13 page ![]() X24321 2 PIN DESCRIPTIONS Serial Clock (SCL) The SCL input is used to clock all data into and out of the device. Serial Data (SDA) SDA is a bidirectional pin used to transfer data into and out of the device. It is an open drain output and may be wire-ORed with any number of open drain or open collector outputs. An open drain output requires the use of a pull-up resistor. For selecting typical values, refer to the Pull- up resistor selection graph at the end of this data sheet. Device Select (S0, S1, S2) The device select inputs (S0, S1, S2) are used to set the first three bits of the 8-bit slave address. This allows up to eight devices to share a common bus. These inputs can be static or actively driven. If used statically they must be tied to VSS or VCC as appro- priate. If actively driven, they must be driven with CMOS levels. Write Protect (WP) The Write Protect input controls the Hardware Write Protect feature. When held LOW, Hardware Write Protection is disabled and the device can be written normally. When this input is held HIGH, Write Protec- tion is enabled, and nonvolatile writes are disabled to the upper quadrant of the E2PROM array. PIN NAMES 7040 FRM T01 PIN CONFIGURATION Symbol Description S0, S1, S2 Device Select Inputs SDA Serial Data SCL Serial Clock WP Write Protect VSS Ground VCC Supply Voltage VCC WP SCL SDA S0 S1 S2 VSS 1 2 3 4 8 7 6 5 X24321 8-LEAD SOIC 7040 FM 02 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |