Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTX6-600 Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HTX6-600
Description  600V 6A TRIAC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HTX6-600 Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HTX6-600 Datasheet HTML 1Page - SemiHow Co.,Ltd. HTX6-600 Datasheet HTML 2Page - SemiHow Co.,Ltd. HTX6-600 Datasheet HTML 3Page - SemiHow Co.,Ltd. HTX6-600 Datasheet HTML 4Page - SemiHow Co.,Ltd. HTX6-600 Datasheet HTML 5Page - SemiHow Co.,Ltd. HTX6-600 Datasheet HTML 6Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
◎ SEMIHOW REV.1.0 Jan 2006
Repetitive Peak Off-State Voltage: 600V
R.M.S On-state Current (IT(RMS)=6A)
High Commutation dv/dt
FEATURES
HTx6-600
600V 6A TRIAC
The TRIAC HTx6-600 is suitable for AC switching application, phase
control application such as heater control, motor control, lighting control,
and static switching relay.
General Description
1.T1 2. T2 3. Gate
VDRM = 600 V
IT(RMS) = 6.0A
1.T1
Symbol
2.T2
3.Gate
HTP6-600
HTS6-600
Absolute Maximum Ratings
(
Ta=25℃)
Symbol
Value
Units
VDRM
600
V
R.M.SOn-State Current (Ta = 98
℃)
HTP6-600
R.M.SOn-State Current (Tc = 94
℃)
HTS6-600
50Hz
60
A
60Hz
66
VGM
10
V
IGM
2A
HTP6-600
3
W
HTS6-600
5
W
VISO
1500
V
TSTG
-40 to +125
℃
Tj
-40 to +125
℃
Parameter
Peak Gate Voltage
Peak Gate Current
Isolation Breakdown Boltate, AC RMS1Min
(HTS6-600 only)
Peak Gate Power Dissipation
6A
ITSM
Surge On-State Current
(One Cycle, 50/60Hz, Peak, Non Repetitive)
Storage Temperature Range
OperatingTemperature
IT(RMS)
Repetitive Peak Off-State Voltage
PGM


Similar Part No. - HTX6-600

ManufacturerPart #DatasheetDescription
logo
RMT Ltd.
HTX RMT-HTX Datasheet
869Kb / 36P
Operating Manual
logo
Taiyo Yuden (U.S.A.), I...
HTX-16V151MF80-R2 TAIYO-YUDEN-HTX-16V151MF80-R2 Datasheet
245Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HTX]
HTX-16V151MF80Q-R2 TAIYO-YUDEN-HTX-16V151MF80Q-R2 Datasheet
245Kb / 2P
FOR AUTOMOTIVE CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HTX]
HTX-16V820MF61-R2 TAIYO-YUDEN-HTX-16V820MF61-R2 Datasheet
245Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HTX]
HTX-16V820MF61Q-R2 TAIYO-YUDEN-HTX-16V820MF61Q-R2 Datasheet
245Kb / 2P
FOR AUTOMOTIVE CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HTX]
More results

Similar Description - HTX6-600

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5679 NTE-NTE5679 Datasheet
18Kb / 2P
TRIAC - 600V, 40A
logo
STMicroelectronics
T620W STMICROELECTRONICS-T620W_04 Datasheet
63Kb / 5P
6A SNUBBERLESTM TRIAC
Mar-2004
logo
Hi-Sincerity Mocroelect...
HST06 HSMC-HST06 Datasheet
129Kb / 4P
TRIAC 600V,6A
logo
Renesas Technology Corp
BCR6CM-12LB RENESAS-BCR6CM-12LB Datasheet
123Kb / 8P
600V - 6A - Triac Medium Power Use
BCR6CM-12RA RENESAS-BCR6CM-12RA_15 Datasheet
89Kb / 7P
600V - 6A - Triac Medium Power Use
BCR6CM-12LB RENESAS-BCR6CM-12LB_15 Datasheet
123Kb / 8P
600V - 6A - Triac Medium Power Use
logo
DONGGUAN YOU FENG WEI E...
BTA06A YFWDIODE-BTA06A Datasheet
786Kb / 4P
6A Four-quadrant triac
BTA06F YFWDIODE-BTA06F Datasheet
786Kb / 4P
6A Four-quadrant triac
logo
Renesas Technology Corp
BCR6CM-12RA RENESAS-BCR6CM-12RA Datasheet
477Kb / 8P
600V - 6A - Triac Medium Power Use
Feb. 1, 2019
BCR10FM-12LB RENESAS-BCR10FM-12LB Datasheet
518Kb / 9P
600V - 10A - Triac
Feb. 19, 2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com