Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS6781B Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SS6781B
Description  Battery Charge Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6781B Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SS6781B Datasheet HTML 1Page - Silicon Standard Corp. SS6781B Datasheet HTML 2Page - Silicon Standard Corp. SS6781B Datasheet HTML 3Page - Silicon Standard Corp. SS6781B Datasheet HTML 4Page - Silicon Standard Corp. SS6781B Datasheet HTML 5Page - Silicon Standard Corp. SS6781B Datasheet HTML 6Page - Silicon Standard Corp. SS6781B Datasheet HTML 7Page - Silicon Standard Corp. SS6781B Datasheet HTML 8Page - Silicon Standard Corp. SS6781B Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
01/31/2008 Rev.1.00
www.SiliconStandard.com
4
SS6781B
ELECTRICAL CHARACTERISTICS (T
A=25°C, VCC=5V, unless otherwise specified.)
(Note1)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply Voltage
VCC
4.5
5.0
5.5
V
Supply Current
ICC
1.1
mA
Battery Low
During Initial Timer
0.11
0.16
0.21
After Initial Timer
(SEL3>3V)
0.63
0.69
0.75
(SEL3<2V)
1.1
1.2
1.30
Battery High
(SEL3>3V)
2.6
2.7
2.80
Voltage Protection Limit
(SEL3<2V)
VBT
1.9
2.0
2.10
V
Temperature High
1.35
1.45
1.55
Temperature Sense Limit
Temperature Low
VTS
3.5
3.6
3.70
V
Output impedance of DIS Pin
ZDIS
50
100
Ω
LED1, LED2, ICON pins
Output Impedance
ON
OFF
1
25
50
Ω
MΩ
Source Current Capability
SEL3 pin
DSW pin
ISEL3
IDSW
5.5
90
µ
A
MODE, PEAK, SEL1,
SEL2 pins
300
kΩ
Input Impedance
VBT, VTS, ADJ pins
1
MΩ
Recommended External
Resistor of TMR pin
RTMR
0.9
5.1
27
kΩ
Battery Charge Current
(Note2, Note3, Note4)
Temperature detective
function is enabled.
Battery’s type is
GP180AAHC
0.25
0.8
1
C
-∆V Detection Level w.r.t.
Peak Value
-0.25
%
* w.r.t.: with respect to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com