Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS6781B Datasheet(PDF) 9 Page - Silicon Standard Corp.

Part # SS6781B
Description  Battery Charge Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6781B Datasheet(HTML) 9 Page - Silicon Standard Corp.

Back Button SS6781B Datasheet HTML 5Page - Silicon Standard Corp. SS6781B Datasheet HTML 6Page - Silicon Standard Corp. SS6781B Datasheet HTML 7Page - Silicon Standard Corp. SS6781B Datasheet HTML 8Page - Silicon Standard Corp. SS6781B Datasheet HTML 9Page - Silicon Standard Corp. SS6781B Datasheet HTML 10Page - Silicon Standard Corp. SS6781B Datasheet HTML 11Page - Silicon Standard Corp. SS6781B Datasheet HTML 12Page - Silicon Standard Corp. SS6781B Datasheet HTML 13Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
01/31/2008 Rev.1.00
www.SiliconStandard.com
9
SS6781B
PIN 1: PEAK-
n in
PIN 2: VBT-
ut to
PIN 3: DIS-
1B
enters discharge
PIN 4: VTS-
S pin is
PIN 6: ADJ-
of
∆
T/∆t detection is disabled.
PIN 7: SEL3-
perature
protection function.
PIN 8: TMR-
al resistor
PIN 9: MODE-
f
1
PIN 10: SEL2 -
completion of fast
n 10.
IN 12: GND- Power ground.
PIN 14: LED2-
tting of SEL1 and SEL2
PIN 15: ICON-
harging current to
PIN 16: DSW-
in
application
informations).
PIN DESCRIPTIONS
Tri-level input, determining the
period of peak voltage timer.
(See 0∆V cut-off sectio
application informations.)
Divided battery voltage inp
sense the battery voltage.
Push-pull output, used to
control an external transistor to
discharge the battery. DIS is
active
high
when
the
SS678
mode.
The battery cell temperature is
represented as a voltage input
to the SS6781B at this pin.
The acceptable voltage range
of VTS pin is 0.29VCC to
0.72VCC.
The
battery
temperature is regarded as too
high if the voltage of VTS pin is
lower than 0.29VCC, and is
otherwise regarded as too low
if the voltage of VT
higher than 0.72VCC.
PIN 5: VCC- Power supply input at 5V±10%.
For adjusting the slope of ∆T/∆t.
Acceptable voltage range for
this pin is approximately 0.28V
to 3.8V. If voltage higher than
VCC-0.3V, the function
Determine
the
acceptable
voltage range of VBT pin and
mode
of
tem
Determine the period of safety
timer with an extern
connected to GND.
Determine
the
mode
o
operation for the SS678 B.
Tri-level inputs, that jointly
control the LED display mode
and the duty of trickle charge
after the
charge.
PIN 11: SEL1- The same as Pi
P
PIN 13: LED1 &
Open-drained outputs used to
indicate the battery charging
status. Two modes of display
are available, depending on
the se
pins.
Open-drained output, used to
control the c
the battery.
Controlling the function of
discharge-
before-
charge.
(See discharge- before- charge
subsection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com