Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS6783A Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS6783A
Description  Battery Charge Controller for Low Power Charging
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6783A Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS6783A Datasheet HTML 1Page - Silicon Standard Corp. SS6783A Datasheet HTML 2Page - Silicon Standard Corp. SS6783A Datasheet HTML 3Page - Silicon Standard Corp. SS6783A Datasheet HTML 4Page - Silicon Standard Corp. SS6783A Datasheet HTML 5Page - Silicon Standard Corp. SS6783A Datasheet HTML 6Page - Silicon Standard Corp. SS6783A Datasheet HTML 7Page - Silicon Standard Corp. SS6783A Datasheet HTML 8Page - Silicon Standard Corp. SS6783A Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.SiliconStandard.com
1 of 12
SS6783A(G)
1/11/2005 Rev.2.10
Battery Charge Controller for Low Power Charging
FEATURES
Fast charge control of NiMH/NiCd batteries.
Fast charge termination by:
,
s
afety
t
imer, or maximum voltage.
−∆V 0V
∆
Protection against battery voltage faults.
Pulsed trickle-charge mode.
Quick and easy testing for production.
8-pin DIP or SO packages.
APPLICATIONS
Battery Fast Chargers for:
Mobile Phones.
Notebook and Laptop Personal Computers.
Portable Power Tools and Toys.
Portable Communication Equipment.
Portable Video & Stereo Equipment.
DESCRIPTION
The SS6783A fast charge controller IC is designed
for intelligent charging of NiMH or NiCd batteries
without the risk of overcharge.
-
DV detection (-0.25%) and 0DV detection (peak)
voltage timer) are the primary methods employed
by the SS6783A to terminate fast charging.
Fast charging
can also be cut off using the
maximum battery voltage along with the safety
timer to prevent charging under fault conditions of
the charging system or the battery itself.
The safety timer period is adjustable for flexible
usage allowing the SS6783A to be used with a wide
range of battery capacities. A test mode is provided
for charger manufacturers to dramatically reduce
production test time.
TYPICAL APPLICATION CIRCUIT
2-Cell
+
C1
47
µF
C2
4.7
µF
C3
0.1
µF
R7
100K
R8
120K
R5
220K
R4
68K
R6
100K
R10
680
LED1
R9
200K
Q1
2SC4672 R2 0.5
R1 680
D1
LL4148
D2
LL4148
REF
1
TIMER
2
MODE
3
GND
4
LED 5
ICON 6
VBT 7
VCC 8
U1
SS6
783A
VIN=5V
R3 10K
D3
LL4148
NiMH/NiCd
*Note: ICHARGE=380mA @VBAT=2.8V
Linear Charger for 2-Cell NiMH/NiCd Batteries
This device is available with Pb-free lead finish (second-level interconnect) as SS6783AGS.


Similar Part No. - SS6783A

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6781A SSC-SS6781A Datasheet
844Kb / 18P
Battery Charger Controller
SS6781ACNTB SSC-SS6781ACNTB Datasheet
844Kb / 18P
Battery Charger Controller
SS6781ACNTR SSC-SS6781ACNTR Datasheet
844Kb / 18P
Battery Charger Controller
SS6781ACSTB SSC-SS6781ACSTB Datasheet
844Kb / 18P
Battery Charger Controller
SS6781ACSTR SSC-SS6781ACSTR Datasheet
844Kb / 18P
Battery Charger Controller
More results

Similar Description - SS6783A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1766 SEMTECH-SC1766 Datasheet
259Kb / 11P
BATTERY CHARGE CONTROLLER
logo
Analog Intergrations Co...
AIC1781 AIC-AIC1781 Datasheet
423Kb / 17P
Battery Charge Controller
AIC1783 AIC-AIC1783 Datasheet
159Kb / 11P
Battery Charge Controller
logo
Analog Devices
AIC1761 AD-AIC1761 Datasheet
245Kb / 15P
BATTERY CHARGE CONTROLLER
logo
Analog Intergrations Co...
AIC1781A AIC-AIC1781A Datasheet
393Kb / 18P
Battery Charge Controller
AIC1784 AIC-AIC1784 Datasheet
547Kb / 16P
Battery Charge Controller
logo
Silicon Standard Corp.
SS6781B SSC-SS6781B Datasheet
584Kb / 20P
Battery Charge Controller
logo
Analog Intergrations Co...
AIC1783A AIC-AIC1783A Datasheet
206Kb / 13P
Battery Charge Controller for Low Power Charging
logo
ON Semiconductor
DN05132 ONSEMI-DN05132 Datasheet
647Kb / 4P
LiB Charge/Discharge Controller for Charging Cradle Systems
December 2019, Rev. 0
logo
List of Unclassifed Man...
8602GN ETC2-8602GN Datasheet
105Kb / 2P
Battery Charge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com