Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS6821 Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS6821
Description  Single-Cell Lithium-Ion Battery Protection IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6821 Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS6821 Datasheet HTML 1Page - Silicon Standard Corp. SS6821 Datasheet HTML 2Page - Silicon Standard Corp. SS6821 Datasheet HTML 3Page - Silicon Standard Corp. SS6821 Datasheet HTML 4Page - Silicon Standard Corp. SS6821 Datasheet HTML 5Page - Silicon Standard Corp. SS6821 Datasheet HTML 6Page - Silicon Standard Corp. SS6821 Datasheet HTML 7Page - Silicon Standard Corp. SS6821 Datasheet HTML 8Page - Silicon Standard Corp. SS6821 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.SiliconStandard.com
1 of 10
SS6821
Single-Cell Lithium-Ion Battery Protection IC
FEATURES
Reduction in board size with miniature SOT-23-5
package and few external components.
Ultra-low quiescent current of 7
µA (VCC=3.5V).
Ultra-low power-down current of 0.6
µ A (VCC=2.2V).
Precision over-charge protection voltage
4.35V
± 50mV for the SS6821A
4.30V
± 50mV for the SS6821B
4.25V
± 50mV for the SS6821C
4.20V
± 50mV for the SS6821D
Built-in delay-time circuits for over-charge, over-
discharge, and over-current protection.
Load detection function during overcharge mode.
Two detection levels for over-current protection.
APPLICATIONS
Protection IC for single-cell Lithium-Ion battery
packs.
DESCRIPTION
The
SS6821
battery
protection
IC
is
designed to protect a lithium-ion battery from
damage or reduced lifetime due to over-charge,
over-discharge, and/or over-current in single-cell
lithium-ion battery powered systems, such as
cellular phones. The ultra-small package and
few external components make the SS6821
ideal for integration into the limited space of
of a battery pack.
The accurate
±50mV over-charging detection
voltage
ensures
safe
and
full-utilization
charging. Four different specification values for
over-charge protection voltage are provided for
various protection requirements. The very low
standby current drains little current from the cell
while in storage.
TYPICAL APPLICATION CIRCUIT
BATT-
BATT+
100K
5
4
3
2
1
R2
R3
FUSE
C1
0.1
µF
R1
100
10M
M2 SSM9926
M1
SSM9926
OC
CS
OD
GND
VCC
SS6821
Protection Circuit for Single-Cell Lithium-Ion Battery
12/6/2004 Rev.2.02


Similar Part No. - SS6821

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS6821 ETC1-SS6821 Datasheet
151Kb / 10P
Single-cell Lithium-lon Battery Protection IC
SS6821A ETC1-SS6821A Datasheet
151Kb / 10P
Single-cell Lithium-lon Battery Protection IC
SS6821ACV ETC1-SS6821ACV Datasheet
151Kb / 10P
Single-cell Lithium-lon Battery Protection IC
SS6821ACVTR ETC1-SS6821ACVTR Datasheet
151Kb / 10P
Single-cell Lithium-lon Battery Protection IC
SS6821B ETC1-SS6821B Datasheet
151Kb / 10P
Single-cell Lithium-lon Battery Protection IC
More results

Similar Description - SS6821

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3952- TI-UCC3952- Datasheet
35Kb / 5P
Enhanced Single Cell Lithium-Ion Battery Protection IC
logo
Analog Intergrations Co...
AIC1802 AIC-AIC1802 Datasheet
132Kb / 10P
Two-Cell Lithium-Ion Battery Protection IC
AIC1803 AIC-AIC1803 Datasheet
161Kb / 12P
Three-Cell Lithium-Ion Battery Protection IC
AIC1811 AIC-AIC1811 Datasheet
118Kb / 8P
One-Cell Lithium-Ion Battery Protection IC
AIC1821 AIC-AIC1821 Datasheet
207Kb / 7P
ONE-CELL LITHIUM-ION BATTERY PROTECTION IC
logo
Silicon Standard Corp.
SS6802 SSC-SS6802 Datasheet
253Kb / 10P
TWO-CELL LITHIUM-ION BATTERY PROTECTION IC
SS6803 SSC-SS6803 Datasheet
354Kb / 12P
Three-cell Lithium-Ion Battery Protection IC
logo
E-CMOS Corporation
EC9523 E-CMOS-EC9523 Datasheet
846Kb / 10P
Single Cell Lithium-ion/Lithium-polymer Battery Protection IC
logo
HYCON Technology Corpor...
HY2115 HYCON-HY2115 Datasheet
1Mb / 27P
1-cell lithium ion/lithium polymer battery protection IC
logo
Mitsumi Electronics, Co...
MM3280 MITSUMI-MM3280 Datasheet
65Kb / 5P
One-cell lithium-ion/lithium-polymer battery protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com