Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS8017TR Datasheet(PDF) 12 Page - Silicon Standard Corp.

Part # SS8017TR
Description  Two Remote Temperature Sensors with SMBus Serial Interface and System Reset
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8017TR Datasheet(HTML) 12 Page - Silicon Standard Corp.

Back Button SS8017TR Datasheet HTML 8Page - Silicon Standard Corp. SS8017TR Datasheet HTML 9Page - Silicon Standard Corp. SS8017TR Datasheet HTML 10Page - Silicon Standard Corp. SS8017TR Datasheet HTML 11Page - Silicon Standard Corp. SS8017TR Datasheet HTML 12Page - Silicon Standard Corp. SS8017TR Datasheet HTML 13Page - Silicon Standard Corp. SS8017TR Datasheet HTML 14Page - Silicon Standard Corp. SS8017TR Datasheet HTML 15Page - Silicon Standard Corp. SS8017TR Datasheet HTML 16Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
www.SiliconStandard.com
12 of 16
SS8017
Rev.2.01 6/06/2003
Table 4. Command-Byte Bit Assignments
REGISTER
COMMAND
POR STATE
FUNCTION
RRTE2
00h
0000 0000b
Read 2nd remote temperature: returns latest temperature
RRTE1
01h
0000 0000b
Read 1st remote temperature: returns latest temperature
RSL
02h
N/A
Read status byte (flags, busy signal)
RCL
03h
0000 0000b
Read configuration byte
RCRA
04h
0000 0010b
Read conversion rate byte
RRHI2
05h
0111 1111b (127) Read 2nd remote THIGH limit
RRLS2
06h
1100 1001b(-55)
Read 2nd remote TLOW limit
RRHI1
07h
0111 1111b (127) Read 1st remote THIGH limit
RRLS1
08h
1100 1001b (-55) Read 1st remote TLOW limit
WCA
09h
N/A
Write configuration byte
WCRW
0Ah
N/A
Write conversion rate byte
WRHA2
0Bh
N/A
Write 2nd remote THIGH limit
WRLN2
0Ch
N/A
Write 2nd remote TLOW limit
WRHA1
0Dh
N/A
Write 1st remote THIGH limit
WRLN1
0Eh
N/A
Write 1st remote TLOW limit
OSHT
0Fh
N/A
One-shot command (use send-byte format)
TCRIT1
35h
0110 1100b (108) Critical temperature for 1
st remote temperaure sensor
TCRIT2
36h
0101 1000b (88)
Critical temperature for 2
nd remote temperaure sensor
The Alert Response can activate several different slave
devices simultaneously, similar to the SMBus General
Call. If more than one slave attempts to respond, bus
arbitration rules apply, and the device with the lower
address code wins. The losing device does
not generate an acknowledge and continues to hold
the
ALERT line low until serviced (implies that the
host interrupt input is level sensitive). Successful
reading of the alert response address clears the inter-
rupt latch.
Command Byte Functions
The 8-bit command byte register (Table 4) is the mas-
ter index that points to the various other registers
within the SS8017. The register's POR state is 0000
0000, so that a Receive Byte transmission (a protocol
that lacks the command byte) that occurs immediately
after POR returns the current local temperature data.
The one-shot command immediately forces a new con-
version cycle to begin. In software standby mode
( RUN /STOP bit = high), a new conversion is begun,
after which the device returns to standby mode. If a
conversion is in progress when a one-shot command is
received in auto-convert mode (RUN/STOP bit = low)
between conversions, a new conversion begins, the
conversion rate timer is reset, and the next automatic
conversion takes place after a full delay elapses.
Configuration Byte Functions
The configuration byte register contents are listed in
table 5. Bit 7 (MASK) is used to mask
ALERT inter-
rupt. Bit 6 (RUN /STOP) is to put the device in software
standby mode. Setting bit 5 (DET_FAN) with logic 1
can activate the detection of fan failure. Logic 1 in bit 4
(EN_TH_SHUT) makes thermal shutdown function valid
and logic 0 disables this function and keep TH_SHUT
pin low. Bit 3~0 forms thermal shutdown fault queue.
The number of faults these bits decided are listed in
table 6.
Thermal Status Byte Functions
The thermal status byte register (02h) (Table 6) indi-
cates which (if any) temperature thresholds have been
exceeded. This byte also indicates whether or not the
ADC is converting and whether there is an open circuit
in the remote diode DXPx-DXN path. After POR, the
normal state of all the flag bits is zero, assuming none
of the alarm conditions are present. The status byte is
cleared by any successful read of the status, unless
the fault persists. Note that the ALERT interrupt latch
is not automatically cleared when the status flag bit is
cleared.
When reading the status byte, you must check for in-
ternal bus collisions caused by asynchronous ADC
timing, or else disable the ADC prior to reading the
status byte (via the RUN /STOP bit in the configuration
byte). In one-shot mode, read the status byte only after
the conversion is complete, which is 150ms max after
the one-shot conversion is commanded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com