Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS8017TR Datasheet(PDF) 14 Page - Silicon Standard Corp.

Part # SS8017TR
Description  Two Remote Temperature Sensors with SMBus Serial Interface and System Reset
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8017TR Datasheet(HTML) 14 Page - Silicon Standard Corp.

Back Button SS8017TR Datasheet HTML 8Page - Silicon Standard Corp. SS8017TR Datasheet HTML 9Page - Silicon Standard Corp. SS8017TR Datasheet HTML 10Page - Silicon Standard Corp. SS8017TR Datasheet HTML 11Page - Silicon Standard Corp. SS8017TR Datasheet HTML 12Page - Silicon Standard Corp. SS8017TR Datasheet HTML 13Page - Silicon Standard Corp. SS8017TR Datasheet HTML 14Page - Silicon Standard Corp. SS8017TR Datasheet HTML 15Page - Silicon Standard Corp. SS8017TR Datasheet HTML 16Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
www.SiliconStandard.com
14 of 16
SS8017
Rev.2.01 6/06/2003
Table 9. RLTS and RRTE Temp Register Update Timing Chart
OPERATING
MODE
CONVERSION
INITIATED BY:
NEW CONVERSION RATE
(CHANGED VIA WRITE TO CRW)
TIME UNTIL RLTS AND
RRTEARE UPDATED
Auto-Convert
Power-on reset
N/A (0.25Hz)
156ms max
Auto-Convert
1-shot command, while idling be-
tween automatic conversions
N/A
156ms max
Auto-Convert
1-shot command that occurs dur-
ing a conversion
N/A
When current conversion is
complete (1-shot is ignored)
Auto-Convert
Rate timer
0.0625Hz
20sec
Auto-Convert
Rate timer
0.125Hz
10sec
Auto-Convert
Rate timer
0.25Hz
5sec
Auto-Convert
Rate timer
0.5Hz
2.5sec
Auto-Convert
Rate timer
1Hz
1.25sec
Auto-Convert
Rate timer
2Hz
625ms
Auto-Convert
Rate timer
4Hz
312.5ms
Auto-Convert
Rate timer
8Hz
237.5ms
Software Standby RUN/STOP bit
N/A
156ms
Software Standby 1-shot command
N/A
156ms
To check for internal bus collisions, read the status
byte. If the least significant seven bits are ones, dis-
card the data and read the status byte again. The
status bits LHIGH, LLOW, RHIGH, and RLOW are re-
freshed on the SMBus clock edge immediately follow-
ing the stop condition, so there is no danger of losing
temperature-related status data as a result of an inter-
nal bus collision. The OPEN status bit (diode continu-
ity fault) is only refreshed at the beginning of a conver-
sion, so OPEN data is lost. The ALERT interrupt latch
is independent of the status byte register, so no false
alerts are generated by an internal bus collision.
When auto-converting, if the THIGH and TLOW limits
are close together, it's possible for both high-temp and
low-temp status bits to be set, depending on the
amount of time between status read operations (espe-
cially when converting at the fastest rate). In these cir-
cumstances, it's best not to rely on the status bits to
indicate reversals in long-term temperature changes
and instead use a current temperature reading to es-
tablish the trend direction.
Temperature Conversion Rate Byte
The conversion rate register (Table 7) programs the
time interval between conversions in free running
auto-convert mode. This variable rate control reduces
the supply current in portable-equipment applications.
The conversion rate byte's POR state is 02h (0.25Hz).
The SS8017 looks only at the 3 LSB bits of this regis-
ter, so the upper 5 bits are "don't care" bits, which
should be set to zero. The conversion rate tolerance is
±25% at any rate setting.
Valid A/D conversion results for all channels are avail-
able one total conversion time (125ms nominal, 156ms
maximum) after initiating a conversion, whether con-
version is initiated via the RUN/STOP bit, one-shot
command, or initial power-up. Changing the conversion
rate can also affect the delay until new results are
available. See Table 8.
Slave Addresses
The SS8017 appears to the SMBus as one device hav-
ing a common address for all the ADC and fan control
channels. The device address is fixed to be 7Ah for
write and 7Bh for read.
The SS8017 also responds to the SMBus Alert Re-
sponse slave address (see the Alert Response Ad-
dress section).
POR and UVLO
The SS8017 has a volatile memory. To prevent am-
biguous power-supply conditions from corrupting the
data in memory and causing erratic behavior, a POR
voltage detector monitors Vcc and clears the memory
if Vcc falls below 1.7V (typical, see Electrical Charac-
teristics table). When power is first applied and Vcc
rises above 1.75V (typical), the logic blocks begin
operating, although reads and writes at VCC levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com