Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS8028 Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS8028
Description  Micro-Power Step-up DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8028 Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS8028 Datasheet HTML 1Page - Silicon Standard Corp. SS8028 Datasheet HTML 2Page - Silicon Standard Corp. SS8028 Datasheet HTML 3Page - Silicon Standard Corp. SS8028 Datasheet HTML 4Page - Silicon Standard Corp. SS8028 Datasheet HTML 5Page - Silicon Standard Corp. SS8028 Datasheet HTML 6Page - Silicon Standard Corp. SS8028 Datasheet HTML 7Page - Silicon Standard Corp. SS8028 Datasheet HTML 8Page - Silicon Standard Corp. SS8028 Datasheet HTML 9Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.SiliconStandard.com
2 of 9
SS8028
ORDERING INFORMATION
SOT-23-5
Top view
Packing
TR: Tape and reel
TB: Tube
Pinout option
T11
SS8028TXXXX
Example: SS8028T11TR
à T11 pin configuration shipped in
tape and reel packing
G963
VCC
SHDN
5
4
1
SW
2
3
GND
FB
G963
SS8028T11
5
4
1
2
3
ABSOLUTE MAXIMUM RATINGS
SW to GND…………………………………………………................……..-0.3V to +18V
FB to GND…………………………………………………….................…..-0.3V to VCC
VCC, SHDN to GND..................................................................................-0.3V to +7V
Operating Temperature Range............................................................. -40
°C to 85°C
Maximum Operating Junction Temperature.................................................... +125
°C
Storage Temperature Range .............................................................. -65
°C to 150°C
Maximum Lead Temperature (Soldering, 10sec)............................................ +300
°C
PIN CONFIGURATION
PIN DESCRIPTIONS
VIN=4.2V
PIN
NAME
FUNCTION
1
SW
Switch pin. The drain of the internal N-MOSFET power switch. Connect this pin to the inductor.
2
GND
Ground.
3
FB
Feedback pin. Set the output voltage by selecting values for R1 and R2 (see the Block Diagram):
R1 = R2
2
.
1
VOUT
-1
4
SHDN
Active-low shutdown pin. Tie this pin to logic-high to enable the device, or tie it to logic-low to turn the
device off.
5
VCC
Input supply pin. Bypass this pin with a capacitor as close to the device as possible.
Rev.2.02 12/06/2003



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com