Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS8028 Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS8028
Description  Micro-Power Step-up DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8028 Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS8028 Datasheet HTML 1Page - Silicon Standard Corp. SS8028 Datasheet HTML 2Page - Silicon Standard Corp. SS8028 Datasheet HTML 3Page - Silicon Standard Corp. SS8028 Datasheet HTML 4Page - Silicon Standard Corp. SS8028 Datasheet HTML 5Page - Silicon Standard Corp. SS8028 Datasheet HTML 6Page - Silicon Standard Corp. SS8028 Datasheet HTML 7Page - Silicon Standard Corp. SS8028 Datasheet HTML 8Page - Silicon Standard Corp. SS8028 Datasheet HTML 9Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.SiliconStandard.com
3 of 9
SS8028
ELECTRICAL CHARACTERISTICS
(
VCC = 3.6V, V SHDN = 3.6V, TA = 25°C)
PARAMETER
CONDITIONS
MIN
TYP MAX
UNITS
Input Voltage Range
2.5
6.5
V
Not switching
20
30
µA
Quiescent Current
V SHDN = 0V
0.1
1
µA
FB Comparator Trip Point
1.18
1.2
1.22
V
Output Voltage Line
Regulation
2.5V<VIN<6.5V
-0.05
%/V
FB Pin Bias Current
(Note 2)
VFB = 1.2V
30
80
nA
VFB > 1V
500
ns
Switch Off Time
VFB < 0.6V
1.6
µs
Switch VDS(ON)
ISW = 300mA
250
350
mV
Switch Current Limit
300
350
400
mA
SHDN
Pin Current
0.1
1
µA
SHDN
Input Voltage High
0.9
V
SHDN
Input Voltage Low
0.25
V
Switch Leakage Current
Switch off, VSW = 16V
0.01
5
µA
Note 1: The SS8028 is guaranteed to meet performance specifications from 0°C to 85°C.
Specifications over the -40°C to 85°C operating temperature range are assured by design,
characterization and correlation with statistical process controls.
Note 2: Bias current flows into the FB pin.
Rev.2.02 12/06/2003



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com