Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM28G45EM Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SSM28G45EM
Description  N-CHANNEL INSULATED-GATE BIPOLAR TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM28G45EM Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SSM28G45EM Datasheet HTML 1Page - Silicon Standard Corp. SSM28G45EM Datasheet HTML 2Page - Silicon Standard Corp. SSM28G45EM Datasheet HTML 3Page - Silicon Standard Corp. SSM28G45EM Datasheet HTML 4Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.SiliconStandard.com
2 of 4
SSM28G45EM
9/21/2004 Rev.2.01
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. Collector Current vs.
Fig 4. Collector- Emitter Saturation Voltage
Gate-Emitter Voltage
vs. Junction Temperature
Fig 5. Gate Threshold Voltage
Fig 6. Collector Current vs.
vs. Junction Temperature
Gate-Emitter Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
-50
0
50
100
150
Junction Temperature (
o C )
1
3
5
7
9
0
20
40
60
80
100
120
140
160
Junction Temperature (
o C)
V GE =4.0V
I C =120A
I C =50A
I C =100A
I C =130A
0
20
40
60
80
100
120
140
01234567
V CE , Collector-Emitter Voltage (V)
T A = 150
o C
5.0V
4.0V
3.3 V
2.0V
V G =1.0V
0
40
80
120
160
200
240
02
468
10
12
V CE , Collector-Emitter Voltage (V)
T A =25
o C
5.0V
4.0V
3.3V
2.0V
V G =1.0V
0
2
4
6
8
10
0123456
V GE , Gate-Emitter Voltage(V)
I C = 130 A
120A
100A
50A
T A =25
o C
0
40
80
120
160
200
240
01
234
56
V GE , Gate-Emitter Voltage (V)
V CE =6.0V
25
o C
70
o C
125
o C
T A =150
o C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com