Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM28G45EM Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SSM28G45EM
Description  N-CHANNEL INSULATED-GATE BIPOLAR TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM28G45EM Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SSM28G45EM Datasheet HTML 1Page - Silicon Standard Corp. SSM28G45EM Datasheet HTML 2Page - Silicon Standard Corp. SSM28G45EM Datasheet HTML 3Page - Silicon Standard Corp. SSM28G45EM Datasheet HTML 4Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.SiliconStandard.com
1 of 4
N-CHANNEL INSULATED-GATE BIPOLAR TRANSISTOR
High input impedance
VCE
450V
High peak current capability
ICP
130A
3.3V gate drive
E
E
E
G
C
C
C
C
SO-8
G
C
E
SSM28G45EM
9/21/2004 Rev.2.01
Absolute Maximum Ratings
Electrical Characteristics @ Tj=25
oC (unless otherwise specified)
Symbol
Min.
Typ.
Max.
Units
IGES
-
-
10
µA
ICES
-
-
10
µA
VCE(sat)
VGE(th)
Qg
-
74
120
nC
Qge
-
8
-
nC
Qgc
-
34
-
nC
td(on)
-
20
-
ns
tr
-
100
-
ns
td(off)
-
400
-
ns
tf
-
3
-
µs
Cies
-
3020
4830
pF
Coes
-
220
-
pF
Cres
-
50
-
pF
RthJA
1
-
-
50
°C/W
Notes:
1.Surface mounted on 1 in
2 copper pad of FR4 board ; 125°C/W when mounted on min. copper pad.
V
2.5
VCC=200V
V
Gate-Emitter Voltage
Gate-Emitter Charge
Operating Junction Temperature Range
-55 to 150
°C
-55 to 150
°C
W
Parameter
Storage Temperature Range
Pulsed Collector Current
Parameter
Maximum Power Dissipation
VGE
ICP
VGEP
Pulsed Gate-Emitter Voltage
PD @ TC=25°C
1
450
± 6
130
± 8
Symbol
VCE
Rating
Collector-Emitter Voltage
Units
V
A
Reverse Transfer Capacitance
VCE=450V, VGE=0V
VGE=3.3V, ICP=130A (Pulsed)
-
3.8
6
V
VCE=VGE, IC=250µA
-
-
1
V
IC=40A
VCE=360V
VGE=5V
VCE=25V
Test Conditions
Collector-Emitter Saturation Voltage
Gate Threshold Voltage
Total Gate Charge
Gate-Emitter Leakage Current
Collector-Emitter Leakage Current (Tj=25°C)
VGE=± 6V, VCE=0V
TSTG
Turn-off Delay Time
VGE=0V
IC=15A
RG=10Ω
Rise Time
TJ
Gate-Collector Charge
Turn-on Delay Time
Thermal Resistance Junction-Ambient
VGE=4.5V
Fall Time
Input Capacitance
Output Capacitance
f=1.0MHz


Similar Part No. - SSM28G45EM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2804 AD-SSM2804 Datasheet
642Kb / 36P
Audio Subsystem with Class-D Speaker
REV. 0
SSM2804CBZ-R7 AD-SSM2804CBZ-R7 Datasheet
642Kb / 36P
Audio Subsystem with Class-D Speaker
REV. 0
SSM2804CBZ-RL AD-SSM2804CBZ-RL Datasheet
642Kb / 36P
Audio Subsystem with Class-D Speaker
REV. 0
logo
Chenmko Enterprise Co. ...
SSM28APT CHENMKO-SSM28APT Datasheet
66Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SSM28PT CHENMKO-SSM28PT Datasheet
83Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SSM28G45EM

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAGX75F60A MICROSEMI-MSAGX75F60A Datasheet
45Kb / 2P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
PPNGZ52F120A MICROSEMI-PPNGZ52F120A Datasheet
102Kb / 3P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
logo
Advanced Power Electron...
AP25G45GEM A-POWER-AP25G45GEM Datasheet
69Kb / 3P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
logo
Silicon Standard Corp.
SSM20G45EGH SSC-SSM20G45EGH Datasheet
763Kb / 7P
N-channel Insulated-Gate Bipolar Transistor
logo
Unisonic Technologies
UG25N45 UTC-UG25N45 Datasheet
184Kb / 3P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
logo
Advanced Power Electron...
AP20GT60P-HF A-POWER-AP20GT60P-HF Datasheet
65Kb / 3P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
AP30G40GEO-HF A-POWER-AP30G40GEO-HF Datasheet
60Kb / 3P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
AP40G120W A-POWER-AP40G120W Datasheet
99Kb / 3P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
logo
Unisonic Technologies
1N50A UTC-1N50A Datasheet
194Kb / 5P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
30N06V-Q UTC-30N06V-Q Datasheet
205Kb / 6P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com