Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM4501GSD Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SSM4501GSD
Description  N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM4501GSD Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SSM4501GSD Datasheet HTML 1Page - Silicon Standard Corp. SSM4501GSD Datasheet HTML 2Page - Silicon Standard Corp. SSM4501GSD Datasheet HTML 3Page - Silicon Standard Corp. SSM4501GSD Datasheet HTML 4Page - Silicon Standard Corp. SSM4501GSD Datasheet HTML 5Page - Silicon Standard Corp. SSM4501GSD Datasheet HTML 6Page - Silicon Standard Corp. SSM4501GSD Datasheet HTML 7Page - Silicon Standard Corp. SSM4501GSD Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
01/28/2008 Rev.1.00
www.SiliconStandard.com
3
P-CH ELECTRICAL CHARACTERISTICS
@TJ=25
oC (unless otherwise specified )
Symbol
Parameter
Test Conditions
Min. Typ. Max. Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=-250uA
-30
-
-
V
ΔBV
DSS/ΔTj
Breakdown Voltage Temperature Coefficient
Reference to 25℃, ID=-1mA
-
-0.03
-
V/℃
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=-10V, ID=-5A
-
-
49
mΩ
VGS=-4.5V, ID=-3A
-
-
75
mΩ
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=-250uA
-1
-
-3
V
gfs
Forward Transconductance
VDS=-10V, ID=-5.3A
-
8
-
S
IDSS
Drain-Source Leakage Current ( Tj=25
oC)
VDS=-30V, VGS=0V
-
-
-1
uA
Drain-Source Leakage Current ( Tj=70
oC)
VDS=-24V, VGS=0V
-
-
-25
uA
IGSS
Gate-Source Leakage
VGS=-
-
nA
Qg
Total Gate Charge
2
ID=-5A
-
9
15
nC
Qgs
Gate-Source Charge
VDS=-24V
-
2
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=-4.5V
-
5
-
nC
td(on)
Turn-on Delay Time
2
VDS=-15V
-
10
-
ns
tr
Rise Time
ID=-1A
-
7
-
ns
td(off)
Turn-off Delay Time
RG=6Ω,VGS=-10V
-
27
-
ns
tf
Fall Time
RD=15Ω
-16
-
ns
Ciss
Input Capacitance
VGS=0V
-
460
730
pF
Coss
Output Capacitance
VDS=-25V
-
180
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
130
-
pF
SOURCE-DRAIN DIODE
Symbol
Parameter
Test Conditions
Min. Typ. Max. Units
VSD
Forward On Voltage
2
IS=-1.7A, VGS=0V
-
-
-1.2
V
trr
Reverse Recovery Time
2
IS=-5A, VGS=0V,
-
21
-
ns
Qrr
Reverse Recovery Charge
dI/dt=100A/µs
-
18
-
nC
Notes:
1.Pulse width limited by Max. junction temperature.
2.Pulse width <300us , duty cycle <2%.
3.Mounted on 1 in
2 copper pad of FR4 board ; 90℃/W when mounted on Min. copper pad.
± 20V
±100
± 20V
±100
± 20V
SSM4501GSD



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com