Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM4501GSD Datasheet(PDF) 7 Page - Silicon Standard Corp.

Part # SSM4501GSD
Description  N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM4501GSD Datasheet(HTML) 7 Page - Silicon Standard Corp.

  SSM4501GSD Datasheet HTML 1Page - Silicon Standard Corp. SSM4501GSD Datasheet HTML 2Page - Silicon Standard Corp. SSM4501GSD Datasheet HTML 3Page - Silicon Standard Corp. SSM4501GSD Datasheet HTML 4Page - Silicon Standard Corp. SSM4501GSD Datasheet HTML 5Page - Silicon Standard Corp. SSM4501GSD Datasheet HTML 6Page - Silicon Standard Corp. SSM4501GSD Datasheet HTML 7Page - Silicon Standard Corp. SSM4501GSD Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
01/28/2008 Rev.1.00
www.SiliconStandard.com
7
SSM4501GSD
P-Channel
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Gate Charge Characteristics
Fig 10. Typical Capacitance Characteristics
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t , Pulse Width (s)
PDM
Duty Factor = t/T
Peak Tj = PDM x Rthja + Ta
Rthja=90
oC/W
t
T
0.02
0.01
0.05
0.1
0.2
Duty Factor = 0.5
Single Pulse
0.01
0.1
1
10
100
0.1
1
10
100
-V DS , Drain-to-Source Voltage (V)
T A =25
o C
Single Pulse
100us
1ms
10ms
100ms
1s
10s
DC
0
2
4
6
8
10
12
0
4
8
12
16
Q G , Total Gate Charge (nC)
I D =-5.0A
V DS =-24V
10
100
1000
1
5
9
131721
2529
-V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
td(on) tr
td(off)tf
VDS
VGS
10%
90%
Q
VG
-4.5V
QGS
QGD
QG
Charge



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com