Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM28C040M Datasheet(PDF) 1 Page - Xicor Inc.

Part # XM28C040M
Description  5 Volt, Byte Alterable E2PROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

XM28C040M Datasheet(HTML) 1 Page - Xicor Inc.

  XM28C040M Datasheet HTML 1Page - Xicor Inc. XM28C040M Datasheet HTML 2Page - Xicor Inc. XM28C040M Datasheet HTML 3Page - Xicor Inc. XM28C040M Datasheet HTML 4Page - Xicor Inc. XM28C040M Datasheet HTML 5Page - Xicor Inc. XM28C040M Datasheet HTML 6Page - Xicor Inc. XM28C040M Datasheet HTML 7Page - Xicor Inc. XM28C040M Datasheet HTML 8Page - Xicor Inc. XM28C040M Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
XM28C040
1
5 Volt, Byte Alterable E2PROM
© Xicor, Inc. 1991-1997 Patents Pending
Characteristics subject to change without notice
3873-1.7 6/13/97 T1/C0/D0 SH
TYPICAL FEATURES
• High Density 4 Megabit (512K x 8) Module
• Access Time of 200ns at –55
°C to +125°C
• Base Memory Component: Xicor X28C010
• Pinout Conforms to JEDEC Standard for
4 Megabit E2PROM
• Fast Write Cycle Times
—256 Byte Page Write
• Early End of Write Detection
—
DATA Polling
—Toggle Bit Polling
• Software Data Protection
• Three Temperature Ranges
—Commercial: 0
°C to +75°C
—Industrial: –40
° to +85°C
—Military: –55
° to +125°C
• High Rel Modules all Components are
MIL-STD-883 Compliant
• Endurance: 100,000 Cycles
DESCRIPTION
The XM28C040 is a high density 4 Megabit E2PROM
comprised of four X28C010's mounted on a co-fired
multilayered ceramic substrate. Individual components
are 100% tested prior to assembly in module form and
then 100% tested after assembly.
The XM28C040 is configured 512K x 8 bit. The module
supports a 256-byte page write operation. This com-
bined with
DATA Polling or Toggle Bit Polling, effectively
provides a 39
µs/byte write cycle, enabling the entire
array to be rewritten in 10 seconds.
The XM28C040 provides the same high endurance and
data retention as the X28C010.
4 Megabit Module
XM28C040
512K x 8 Bit
3873 FHD F01
WE
OE
CE
A18
A17
I/O0–I/O7
A0–A16
X28C010
A0–A16
I/O0–I/O7
CE
WE
OE
OE
X28C010
A0–A16
I/O0–I/O7
CE
WE
X28C010
A0–A16
I/O0–I/O7
CE
WE
OE
X28C010
A0–A16
I/O0–I/O7
CE
WE
OE
FUNCTIONAL DIAGRAM
PIN CONFIGURATION
3873 FHD F02
A18
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
VSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VCC
WE
A17
A14
A13
A8
A9
A11
OE
A10
CE
I/O7
I/O6
I/O5
I/04
I/O3
XM28C040


Similar Part No. - XM28C040M

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
XM28C040P XICOR-XM28C040P Datasheet
25Kb / 4P
High Density 5 Volt Byte Alterable Nonvolatile Memory Array
XM28C040P-15 XICOR-XM28C040P-15 Datasheet
25Kb / 4P
High Density 5 Volt Byte Alterable Nonvolatile Memory Array
XM28C040P-20 XICOR-XM28C040P-20 Datasheet
25Kb / 4P
High Density 5 Volt Byte Alterable Nonvolatile Memory Array
XM28C040P-25 XICOR-XM28C040P-25 Datasheet
25Kb / 4P
High Density 5 Volt Byte Alterable Nonvolatile Memory Array
XM28C040PI-15 XICOR-XM28C040PI-15 Datasheet
25Kb / 4P
High Density 5 Volt Byte Alterable Nonvolatile Memory Array
More results

Similar Description - XM28C040M

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X2804C XICOR-X2804C Datasheet
54Kb / 13P
5 Volt, Byte Alterable E2PROM
X2816C XICOR-X2816C Datasheet
72Kb / 16P
5 Volt, Byte Alterable E2PROM
X28C010 XICOR-X28C010 Datasheet
127Kb / 25P
5 Volt, Byte Alterable E2PROM
X28C256 XICOR-X28C256 Datasheet
113Kb / 24P
5 Volt, Byte Alterable E2PROM
X28C512 XICOR-X28C512 Datasheet
126Kb / 25P
5 Volt, Byte Alterable E2PROM
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
5 Volt, Byte Alterable E2PROM
X28VC256 XICOR-X28VC256 Datasheet
109Kb / 24P
5 Volt, Byte Alterable E2PROM
XM28C020 XICOR-XM28C020 Datasheet
74Kb / 16P
5 Volt, Byte Alterable E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com