Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM28C040M Datasheet(PDF) 17 Page - Xicor Inc.

Part # XM28C040M
Description  5 Volt, Byte Alterable E2PROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

XM28C040M Datasheet(HTML) 17 Page - Xicor Inc.

Back Button XM28C040M Datasheet HTML 9Page - Xicor Inc. XM28C040M Datasheet HTML 10Page - Xicor Inc. XM28C040M Datasheet HTML 11Page - Xicor Inc. XM28C040M Datasheet HTML 12Page - Xicor Inc. XM28C040M Datasheet HTML 13Page - Xicor Inc. XM28C040M Datasheet HTML 14Page - Xicor Inc. XM28C040M Datasheet HTML 15Page - Xicor Inc. XM28C040M Datasheet HTML 16Page - Xicor Inc. XM28C040M Datasheet HTML 17Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
XM28C040
17
ORDERING INFORMATION
XM28C040: 512K X 8 CMOS E2PROM Module
Access Time
–20 = 200ns
–25 = 250ns
Blank = 300ns
Temperature Range
Blank = Commercial = 0
°C to +70°C
I = Industrial = –40
°C to +85°C
M = Military = –55
°C to +125°C
MHR = Military High Rel
Blank = 32-Lead Ceramic Module
XM28C040
X
X
-X
Device
LIMITED WARRANTY
Devices sold by Xicor, Inc. are covered by the warranty and patent indemnification provisions appearing in its Terms of Sale only. Xicor, Inc. makes no warranty,
express, statutory, implied, or by description regarding the information set forth herein or regarding the freedom of the described devices from patent infringement.
Xicor, Inc. makes no warranty of merchantability or fitness for any purpose. Xicor, Inc. reserves the right to discontinue production and change specifications and
prices at any time and without notice.
Xicor, Inc. assumes no responsibility for the use of any circuitry other than circuitry embodied in a Xicor, Inc. product. No other circuits, patents, licenses are
implied.
U.S. PATENTS
Xicor products are covered by one or more of the following U.S. Patents: 4,263,664; 4,274,012; 4,300,212; 4,314,265; 4,326,134; 4,393,481; 4,404,475;
4,450,402; 4,486,769; 4,488,060; 4,520,461; 4,533,846; 4,599,706; 4,617,652; 4,668,932; 4,752,912; 4,829, 482; 4,874, 967; 4,883, 976. Foreign patents and
additional patents pending.
LIFE RELATED POLICY
In situations where semiconductor component failure may endanger life, system designers using this product should design the system with appropriate error
detection and correction, redundancy and back-up features to prevent such an occurence.
Xicor's products are not authorized for use in critical components in life support devices or systems.
1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and whose
failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant
injury to the user.
2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life
support device or system, or to affect its safety or effectiveness.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com