Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF1950S90C Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # DF1950S90C
Description  DF-B Dielectric Filters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

DF1950S90C Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  DF1950S90C Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. DF1950S90C Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. DF1950S90C Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. DF1950S90C Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. DF1950S90C Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. DF1950S90C Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. DF1950S90C Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. DF1950S90C Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. DF1950S90C Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
01 of 19
DF-A Dielectric Filters
Dielectric Filters
Token Offers Dielectric RF Filters
for Telecoms (DF-A)
Preview
Token has extended the capabilities of its
filter product line with the introduction of a
new range of dielectric microwave filters to
the available frequency range up to 5.8GHz.
Token designs and manufactures custom
electronic filters for defence,
telecommunications and similar application
increasing the range of products available to
customers.
Two block-type dielectric RF filters for
telecoms basestation applications have been
added to Token’s DF range. The filters have been designed for cellular basestation applications that use a digital
pre-distortion amplifier (DPD), as they feature a wide pass band and flat ripple performance, which are required
for DPD PA design.
Applications also include RF and microwave communications such as GSM, 3G, GPS, satellite and TV
transmission, wireless security systems, radar, CT1, CT2, 900MHz, 1.8GHz, 2.4GHz, 5.8GHz Cordless Phone,
wireless earphone, wireless microphone, aerospace and military.
The DF-A filter’s small size (8.8 x 7.3 x 3.6 mm) means they require more less mounting space compared to
Token’s previous generation of filters for this application. The filters’ highly sophisticated multi-pole design
ensures high attenuation and good selectivity. Both the two members of the DF series have a ripple of 1.0 dB
max.
In addition, Token enhances custom design capabilities for specialist applications. Our customers will benefit
from the additional frequency ranges now available and from the excellent quality and lower costs achievable
Custom parts are available on request. Token will also produce devices outside these specifications to meet
specific customer requirements, please contact our sales for more information.
Applications
- Suitable for surface mount and reflow soldering.
- Excellent mechanical structure and temperature stability.
- Good selectivity, low insertion loss for using high Q-value resonators.
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - DF1950S90C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF19 HIROSE-DF19 Datasheet
536Kb / 13P
1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
DF19-14P-1V(56) HIROSE-DF19-14P-1V(56) Datasheet
536Kb / 13P
1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
DF19-14S-1C HIROSE-DF19-14S-1C Datasheet
536Kb / 13P
1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
DF19-18S-1C HIROSE-DF19-18S-1C Datasheet
536Kb / 13P
1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
DF19-20P-1V(56) HIROSE-DF19-20P-1V(56) Datasheet
536Kb / 13P
1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
More results

Similar Description - DF1950S90C

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
RCFA1-836BP2 RALTRON-RCFA1-836BP2 Datasheet
138Kb / 7P
Dielectric Ceramic Filters and Duplexers
logo
TOKO, Inc
4DFA TOKO-4DFA Datasheet
165Kb / 3P
Dielectric Filters for Surface Mounting
6DFA TOKO-6DFA Datasheet
110Kb / 1P
Dielectric Filters
6DFC TOKO-6DFC Datasheet
102Kb / 1P
Dielectric Filters
6DFSD TOKO-6DFSD Datasheet
136Kb / 1P
Dielectric Filters
logo
List of Unclassifed Man...
DF2-DC ETC2-DF2-DC Datasheet
392Kb / 2P
DF-RELAY
logo
AEL Crystals Ltd
DF2C820P20 AEL-DF2C820P20 Datasheet
124Kb / 1P
Dielectric Devices Dielectric Filters (DF)
logo
TOKO, Inc
WDFM TOKO-WDFM Datasheet
152Kb / 1P
Dielectric Waveguide Filters
logo
Tyco Electronics
20ESB6 MACOM-20ESB6 Datasheet
179Kb / 4P
High Performance B Series RFI Line Filters
logo
KEC(Korea Electronics)
DF06 KEC-DF06 Datasheet
21Kb / 1P
DF PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com