Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCRC1016-331M Datasheet(PDF) 8 Page - Token Electronics Industry Co., Ltd.

Part # TCRC1016-331M
Description  TCRC Choke Coil Inductors Radial
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCRC1016-331M Datasheet(HTML) 8 Page - Token Electronics Industry Co., Ltd.

  TCRC1016-331M Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TCRC1016-331M Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TCRC1016-331M Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TCRC1016-331M Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TCRC1016-331M Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TCRC1016-331M Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TCRC1016-331M Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TCRC1016-331M Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TCRC1016-331M Datasheet HTML 9Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
(TCRC1016) Electrical Characteristics
Part Number
Inductance(µH)
Test Freq.(KHz)
DCR (Ω)(max)
IDC (A)(max)
TCRC1016 - 1R0N
1.00
1
0.010
9.00
TCRC1016 - 1R5N
1.50
1
0.015
9.00
TCRC1016 - 1R8N
1.80
1
0.015
9.00
TCRC1016 - 2R7N
2.70
1
0.015
9.00
TCRC1016 - 3R3N
3.30
1
0.015
8.50
TCRC1016 - 3R9N
3.90
1
0.015
8.00
TCRC1016 - 4R7N
4.70
1
0.020
7.50
TCRC1016 - 5R6N
5.60
1
0.025
7.50
TCRC1016 - 6R8N
6.80
1
0.025
7.50
TCRC1016 - 8R2N
8.20
1
0.025
7.20
TCRC1016 - 100M
10.00
1
0.030
7.20
TCRC1016 - 120M
12.00
1
0.030
7.00
TCRC1016 - 150M
15.00
1
0.035
6.50
TCRC1016 - 180M
18.00
1
0.035
6.30
TCRC1016 - 220M
22.00
1
0.045
5.50
TCRC1016 - 270M
27.00
1
0.050
4.50
TCRC1016 - 330M
33.00
1
0.070
4.00
TCRC1016 - 390M
39.00
1
0.070
3.80
TCRC1016 - 470M
47.00
1
0.070
3.60
TCRC1016 - 560M
56.00
1
0.080
3.20
TCRC1016 - 680M
68.00
1
0.090
3.00
TCRC1016 - 820M
82.00
1
0.095
2.60
TCRC1016 - 101M
100.00
1
0.120
2.50
TCRC1016 - 121M
120.00
1
0.140
2.30
TCRC1016 - 151M
150.00
1
0.170
2.10
TCRC1016 - 181M
180.00
1
0.190
2.00
TCRC1016 - 221M
220.00
1
0.250
1.80
TCRC1016 - 271M
270.00
1
0.340
1.50
TCRC1016 - 331M
330.00
1
0.450
1.50
TCRC1016 - 391M
390.00
1
0.510
1.30
TCRC1016 - 471M
470.00
1
0.560
1.20
TCRC1016 - 561M
560.00
1
0.640
1.00
TCRC1016 - 681M
680.00
1
0.710
1.00
TCRC1016 - 821M
820.00
1
1.010
0.90
TCRC1016 - 102M
1000.00
1
1.200
0.80
Note: Test Freq.: 1KHz / 0.25V.
Operating Temp.: -40°C ~ +85°C
Inductance drop = 10% typ. at IDC.
TCRC Choke Coil Inductors Radial
http://www.token.com.tw/
rfq token.com.tw
TOKEN
08 of 09
Version 2010



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com