Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCRC1016-331M Datasheet(PDF) 9 Page - Token Electronics Industry Co., Ltd.

Part # TCRC1016-331M
Description  TCRC Choke Coil Inductors Radial
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCRC1016-331M Datasheet(HTML) 9 Page - Token Electronics Industry Co., Ltd.

  TCRC1016-331M Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TCRC1016-331M Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TCRC1016-331M Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TCRC1016-331M Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TCRC1016-331M Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TCRC1016-331M Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TCRC1016-331M Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TCRC1016-331M Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TCRC1016-331M Datasheet HTML 9Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Part Number: TCRC
How to Order
UL
TCRC
0406
Code
TUBE
V
UL
P
PVC
NONE
NO TUBE
TUBE
Inductance
Code
Inductance
1R0
1.00µH
100
10.00µH
101
100.00µH
102
1000.00µH
1R0
Tolerance
Code
Tolerance
J
5%
K
10%
L
15%
M
20%
N
30%
Y
min
M
Code
Size
0406
6.0×9.5mm
0608
8.0×11.5mm
0810
10.0×14.0mm
0912
11.0×16.5mm
1012
12.0×16.5mm
1016
12.5×21.0mm
Size
TCRC Choke Coil Inductors Radial
http://www.token.com.tw/
rfq token.com.tw
TOKEN
Back to 1st Page - Choke Coil Inductors Radial (TCRC)
09 of 09
Version 2010



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com