Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSDS126-331M Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # TPSDS126-331M
Description  TPSDS Low DCR Chip Power Inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TPSDS126-331M Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  TPSDS126-331M Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TPSDS126-331M Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TPSDS126-331M Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TPSDS126-331M Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TPSDS126-331M Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TPSDS126-331M Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TPSDS126-331M Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TPSDS126-331M Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TPSDS126-331M Datasheet HTML 9Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
02 of 09
Dimensions & Configurations
A
C
H
G
I
Land Pattern
TP
XXX
F
TC
XXX
B
E
D
Type
A(max)
B(max)
C(max)
D ± 0.2 E(max)
F
G
H
I
TPSDS0620
6.3
6.2
2.0
2.0
0.6
4.6
2.6
1.0
4.6
TPSDS0625
6.3
6.2
2.5
2.0
0.6
4.6
2.6
1.0
4.6
TPSDS0630
6.3
6.2
3.0
2.0
0.6
4.6
2.6
1.0
4.6
TPSDS0635
6.3
6.2
3.5
2.0
0.6
4.6
2.6
1.0
4.6
TPSDS104
10.4
10.3
4.8
3.0
2.0
6.0
3.6
2.65
5.4
TPSDS106
10.4
10.3
6.8
3.0
2.0
6.0
3.6
2.65
5.4
TPSDS126
12.8
12.6
6.8
3.0
2.0
8.5
3.6
2.60
7.9
Note: Design as Customer’s Requested Specifications.
(TPSDS0620) Electrical Characteristics
Part Number
Inductance (µH)
Test Freq. (KHz)
DCR (Ω) (max)
IDC (A) (max)
TPSDS0620 - 1R0N
1.00
100
0.022
3.50
TPSDS0620 - 1R5N
1.50
100
0.030
2.94
TPSDS0620 - 2R0N
2.00
100
0.040
2.47
TPSDS0620 - 3R3N
3.30
100
0.055
1.99
TPSDS0620 - 4R7N
4.70
100
0.070
1.59
TPSDS0620 - 6R2N
6.20
100
0.110
1.49
TPSDS0620 - 8R2N
8.20
100
0.140
1.25
TPSDS0620 - 100M
10.00
100
0.160
1.22
TPSDS0620 - 120M
12.00
100
0.200
0.99
TPSDS0620 - 150M
15.00
100
0.230
0.94
TPSDS0620 - 180M
18.00
100
0.260
0.83
TPSDS0620 - 220M
22.00
100
0.310
0.80
TPSDS0620 - 270M
27.00
100
0.390
0.65
TPSDS0620 - 330M
33.00
100
0.510
0.63
TPSDS0620 - 390M
39.00
100
0.570
0.55
TPSDS0620 - 470M
47.00
100
0.730
0.50
Note: Test Freq.: 100KHz / 0.1V.
Operating Temp.: -40°C ~ +85°C.
Inductance drop=30% typ. at IDC.
TPSDS Low DCR Chip Power Inductors
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com