Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSDS126-331M Datasheet(PDF) 5 Page - Token Electronics Industry Co., Ltd.

Part # TPSDS126-331M
Description  TPSDS Low DCR Chip Power Inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TPSDS126-331M Datasheet(HTML) 5 Page - Token Electronics Industry Co., Ltd.

  TPSDS126-331M Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TPSDS126-331M Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TPSDS126-331M Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TPSDS126-331M Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TPSDS126-331M Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TPSDS126-331M Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TPSDS126-331M Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TPSDS126-331M Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TPSDS126-331M Datasheet HTML 9Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
05 of 09
(TPSDS0635) Electrical Characteristics
Part Number
Inductance (µH)
Test Freq. (KHz)
DCR (Ω) (max)
IDC (A) (max)
TPSDS0635 - 2R0N
2.00
100
0.020
3.00
TPSDS0635 - 2R7N
2.70
100
0.025
2.69
TPSDS0635 - 3R3N
3.30
100
0.030
2.57
TPSDS0635 - 4R7N
4.70
100
0.035
2.08
TPSDS0635 - 6R2N
6.20
100
0.040
1.84
TPSDS0635 - 8R2N
8.20
100
0.055
1.54
TPSDS0635 - 100M
10.00
100
0.065
1.49
TPSDS0635 - 120M
12.00
100
0.072
1.28
TPSDS0635 - 150M
15.00
100
0.078
1.10
TPSDS0635 - 180M
18.00
100
0.098
1.05
TPSDS0635 - 220M
22.00
100
0.115
0.97
TPSDS0635 - 270M
27.00
100
0.150
0.82
TPSDS0635 - 330M
33.00
100
0.175
0.76
TPSDS0635 - 390M
39.00
100
0.200
0.70
TPSDS0635 - 470M
47.00
100
0.240
0.68
TPSDS0635 - 560M
56.00
100
0.300
0.60
TPSDS0635 - 680M
68.00
100
0.330
0.56
TPSDS0635 - 820M
82.00
100
0.420
0.47
TPSDS0635 - 101M
100.00
100
0.470
0.45
TPSDS0635 - 151M
150.00
100
0.650
0.37
Note: Test Freq.: 100KHz / 0.1V.
Operating Temp.: -40°C ~ +85°C.
Inductance drop=30% typ. at IDC.
TPSDS Low DCR Chip Power Inductors
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com