Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF6601 Datasheet(PDF) 9 Page - Analog Devices

Part # ADRF6601
Description  750 MHz to 1160 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6601 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADRF6601 Datasheet HTML 5Page - Analog Devices ADRF6601 Datasheet HTML 6Page - Analog Devices ADRF6601 Datasheet HTML 7Page - Analog Devices ADRF6601 Datasheet HTML 8Page - Analog Devices ADRF6601 Datasheet HTML 9Page - Analog Devices ADRF6601 Datasheet HTML 10Page - Analog Devices ADRF6601 Datasheet HTML 11Page - Analog Devices ADRF6601 Datasheet HTML 12Page - Analog Devices ADRF6601 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ADRF6601
Rev. 0 | Page 9 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
CDAC = 0x1, IP3SET = 3.3 V, internally generated LO, RFIN = −10 dBm, fIF = 140 MHz, unless otherwise noted.
–5
750
1150
1100
1050
1000
950
900
850
800
LO FREQUENCY (MHz)
–4
–3
–2
–1
0
1
2
3
4
5
+25°C
–40°C
+85°C
30
LO FREQUENCY (MHz)
Figure 4. Gain vs. LO Frequency
40
50
60
70
80
90
750
1150
1100
1050
1000
950
900
850
800
+25°C
–40°C
+85°C
Figure 5. IIP2 vs. LO Frequency, RFIN = −5 dBm
10
LO FREQUENCY (MHz)
11
12
13
14
15
16
17
18
19
20
750
1150
1100
1050
1000
950
900
850
800
+25°C
–40°C
+85°C
5
10
15
20
25
30
35
40
45
LO FREQUENCY (MHz)
Figure 6. Noise Figure vs. LO Frequency
750
1150
1100
1050
1000
950
900
850
800
+25°C
–40°C
+85°C
Figure 7. IIP3 vs. LO Frequency, RFIN = −5 dBm
0
2
4
6
8
10
12
14
16
18
20
LO FREQUENCY (MHz)
750
1150
1100
1050
1000
950
900
850
800
+25°C
–40°C
+85°C
Figure 8. IP1dB vs. LO Frequency
–60
–50
–40
–30
–20
–10
0
LO FREQUENCY (MHz)
750
1150
1100
1050
1000
950
900
850
800
+25°C
–40°C
+85°C
Figure 9. LO-to-IF Leakage vs. LO Frequency, LO Output Turned Off,
50 Ω Termination at RF Port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com