Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF6601 Datasheet(PDF) 12 Page - Analog Devices

Part # ADRF6601
Description  750 MHz to 1160 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6601 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADRF6601 Datasheet HTML 8Page - Analog Devices ADRF6601 Datasheet HTML 9Page - Analog Devices ADRF6601 Datasheet HTML 10Page - Analog Devices ADRF6601 Datasheet HTML 11Page - Analog Devices ADRF6601 Datasheet HTML 12Page - Analog Devices ADRF6601 Datasheet HTML 13Page - Analog Devices ADRF6601 Datasheet HTML 14Page - Analog Devices ADRF6601 Datasheet HTML 15Page - Analog Devices ADRF6601 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADRF6601
Rev. 0 | Page 12 of 24
FD10
FD9FD8
FD7FD6FD5FD4FD3FD2FD1FD0
0
00
000
000
00
0
00
000
000
01
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
0
11
000
000
00
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
FRACTIONAL VALUE MUST BE LESS THAN MODULUS
FRACTIONAL VALUE
0
1
...
...
768 (DEFAULT)
...
...
<MDR
REGISTER 2—FRACTIONAL DIVIDE CONTROL (DEFAULT: 0x001802)
FRACTIONAL VALUE
RESERVED
DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
CONTROL BITS
0
000
000
00
0
FD10
FD9
FD8
FD7
FD6
FD5
FD4
FD3
FD2
FD1
FD0
C3(0) C2(1) C1(0)
Figure 15. Register 2—Fractional Divide Control Register Map
REGISTER 3—Σ-Δ MODULATOR DITHER CONTROL (DEFAULT: 0x10000B)
DITHER
ENABLE
DB23
RES
DB22
DB21
DB20
DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
0
DITH1
DITH0
DEN
DV16 DV15 DV14 DV13 DV12 DV11 DV10 DV9 DV8 DV7 DV6 DV5 DV4 DV3 DV2 DV1 DV0 C3(0) C2(1) C1(1)
DITH1
DITH0
00
01
10
11
DEN
0
1
DITHER
MAGNITUDE
DITHER RESTART VALUE
CONTROL BITS
DITHER MAGNITUDE
15 (DEFAULT)
7
3
1 (RECOMMENDED)
DITHER ENABLE
DISABLE
ENABLE (DEFAULT, RECOMMENDED)
DV16 DV15 DV14 DV13 DV12 DV11 DV10 DV9 DV8 DV7 DV6 DV5 DV4 DV3 DV2 DV1 DV0
DITHER RESTART
VALUE
00
000
00
00
00
00
00
01
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
11
111
11
11
11
11
11
11
0x00001 (DEFAULT)
...
...
0x1FFFF
Figure 16. Register 3—Σ-Δ Modulator Dither Control Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com