Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP7 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # EP7
Description  EP cores and accessories
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

EP7 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  EP7 Datasheet HTML 1Page - Ferroxcube International Holding B.V. EP7 Datasheet HTML 2Page - Ferroxcube International Holding B.V. EP7 Datasheet HTML 3Page - Ferroxcube International Holding B.V. EP7 Datasheet HTML 4Page - Ferroxcube International Holding B.V. EP7 Datasheet HTML 5Page - Ferroxcube International Holding B.V. EP7 Datasheet HTML 6Page - Ferroxcube International Holding B.V. EP7 Datasheet HTML 7Page - Ferroxcube International Holding B.V. EP7 Datasheet HTML 8Page - Ferroxcube International Holding B.V. EP7 Datasheet HTML 9Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2008 Sep 01
675
Ferroxcube
EP cores and accessories
EP7
CORE SETS
Effective core parameters
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
1.45
mm−1
Ve
effective volume
165
mm3
Ie
effective length
15.5
mm
Ae
effective area
10.7
mm2
Amin
minimum area
8.55
mm2
m
mass of core set
≈ 1.4
g
Fig.1 EP7 core set.
Dimensions in mm.
handbook, halfpage
;;;
;;;
;;;
;;;
MGC333
1.7
0.1
3.4
0
0.2
9.4
0
0.4
6.5
0
0.3
7.5
0
0.2
7.2
0.4
0
5
0.4
0
Core sets for filter applications
Clamping force for AL measurements, 20
±10 N.
Core sets for general purpose transformers and power applications
Clamping force for AL measurements, 20
±10 N.
GRADE
AL
(nH)
µe
AIR GAP
(
µm)
TYPE NUMBER
3B46
1500
±25%
≈ 1730
≈ 0
EP7-3B46
GRADE
AL
(nH)
µe
TOTAL AIR GAP
(
µm)
TYPE NUMBER
3C81
25
±3%
≈ 29
≈ 880
EP7-3C81-E25
40
±3%
≈ 46
≈ 480
EP7-3C81-A40
63
±3%
≈ 73
≈ 270
EP7-3C81-A63
100
±3%
≈115
≈150
EP7-3C81-A100
160
±5%
≈184
≈ 90
EP7-3C81-A160
1300
±25%
≈ 1500
≈ 0EP7-3C81
3C91
1300
±25%
≈ 1500
≈ 0EP7-3C91
3C94
25
±3%
≈ 29
≈ 880
EP7-3C94-E25
40
±3%
≈ 46
≈ 480
EP7-3C94-A40
63
±3%
≈ 73
≈ 270
EP7-3C94-A63
100
±3%
≈115
≈150
EP7-3C94-A100
160
±5%
≈184
≈ 90
EP7-3C94-A160
1200
±25%
≈ 1380
≈ 0EP7-3C94



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com