Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP7 Datasheet(PDF) 4 Page - Ferroxcube International Holding B.V.

Part # EP7
Description  EP cores and accessories
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

EP7 Datasheet(HTML) 4 Page - Ferroxcube International Holding B.V.

  EP7 Datasheet HTML 1Page - Ferroxcube International Holding B.V. EP7 Datasheet HTML 2Page - Ferroxcube International Holding B.V. EP7 Datasheet HTML 3Page - Ferroxcube International Holding B.V. EP7 Datasheet HTML 4Page - Ferroxcube International Holding B.V. EP7 Datasheet HTML 5Page - Ferroxcube International Holding B.V. EP7 Datasheet HTML 6Page - Ferroxcube International Holding B.V. EP7 Datasheet HTML 7Page - Ferroxcube International Holding B.V. EP7 Datasheet HTML 8Page - Ferroxcube International Holding B.V. EP7 Datasheet HTML 9Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2008 Sep 01
677
Ferroxcube
EP cores and accessories
EP7
Properties of core sets under power conditions
Properties of core sets under power conditions (continued)
Note
1.
Measured at 60
°C.
GRADE
B (mT) at
CORE LOSS (W) at
H = 250 A/m;
f= 25 kHz;
T = 100
°C
f = 25 kHz;
= 200 mT;
T = 100
°C
f= 100 kHz;
= 100 mT;
T=100
°C
f= 100 kHz;
= 200 mT;
T = 100
°C
f= 400 kHz;
=50 mT;
T=100
°C
3C81
≥320
≤ 0.04
−−
−
3C91
≥320
−≤ 0.11(1)
≤ 0.06(1)
−
3C94
≥320
−≤ 0.014
≤ 0.08
−
3C96
≥340
−≤ 0.011
≤ 0.06
≤ 0.025
3F35
≥320
−−
−
≤ 0.015
3F3
≥315
−≤ 0.02
−≤ 0.035
GRADE
B (mT) at
CORE LOSS (W) at
H = 250 A/m;
f= 25 kHz;
T = 100
°C
f = 500 kHz;
=50mT;
T = 100
°C
f= 500 kHz;
= 100 mT;
T = 100
°C
f= 1 MHz;
=30mT;
T = 100
°C
f= 3 MHz;
=10 mT;
T=100
°C
3C81
≥320
−−
−
−
3C91
≥320
−−
−
−
3C94
≥320
−−
−
−
3C96
≥340
≤ 0.055
−−
−
3F35
≥320
≤ 0.02
≤ 0.15
−−
3F3
≥315
−−
−
−
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com