Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP13 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # EP13
Description  EP cores and accessories
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

EP13 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  EP13 Datasheet HTML 1Page - Ferroxcube International Holding B.V. EP13 Datasheet HTML 2Page - Ferroxcube International Holding B.V. EP13 Datasheet HTML 3Page - Ferroxcube International Holding B.V. EP13 Datasheet HTML 4Page - Ferroxcube International Holding B.V. EP13 Datasheet HTML 5Page - Ferroxcube International Holding B.V. EP13 Datasheet HTML 6Page - Ferroxcube International Holding B.V. EP13 Datasheet HTML 7Page - Ferroxcube International Holding B.V. EP13 Datasheet HTML 8Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2008 Sep 01
693
Ferroxcube
EP cores and accessories
EP13
CORE SETS
Effective core parameters
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
1.24
mm−1
Ve
effective volume
472
mm3
Ie
effective length
24.2
mm
Ae
effective area
19.5
mm2
Amin
minimum area
14.9
mm2
m
mass of core set
≈ 4.7
g
Fig.1 EP13 core set.
Dimensions in mm.
handbook, halfpage
;;;
;;;
;;;
;;;
MGC186
2.4
0.1
4.5
0
0.3
12.8
0
0.6
9
0
0.4
13
0
0.3
9.7
0.6
0
9
0.4
0
Core sets for filter applications
Clamping force for AL measurements, 30
±10 N.
Core sets for general purpose transformers and power applications
Clamping force for AL measurements, 30
±10 N.
GRADE
AL
(nH)
µe
AIR GAP
(
µm)
TYPE NUMBER
3B46
2150
±25%
≈ 2090
≈ 0
EP13-3B46
GRADE
AL
(nH)
µe
TOTAL AIR GAP
(
µm)
TYPE NUMBER
3C81
40
±3%
≈ 40
≈ 1000
EP13-3C81-E40
63
±3%
≈ 62
≈ 540
EP13-3C81-A63
100
±3%
≈ 99
≈ 300
EP13-3C81-A100
160
±3%
≈ 158
≈ 170
EP13-3C81-A160
250
±5%
≈ 247
≈ 100
EP13-3C81-A250
1700
±25%
≈ 1680
≈ 0
EP13-3C81
3C91
1700
±25%
≈ 1680
≈0
EP13-3C91
3C94
40
±3%
≈ 40
≈ 1000
EP13-3C94-E40
63
±3%
≈ 62
≈ 540
EP13-3C94-A63
100
±3%
≈ 99
≈ 300
EP13-3C94-A100
160
±3%
≈ 158
≈ 170
EP13-3C94-A160
250
±5%
≈ 247
≈ 100
EP13-3C94-A250
1650
±25%
≈ 1630
≈ 0
EP13-3C94



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com