Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP13 Datasheet(PDF) 4 Page - Ferroxcube International Holding B.V.

Part # EP13
Description  EP cores and accessories
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

EP13 Datasheet(HTML) 4 Page - Ferroxcube International Holding B.V.

  EP13 Datasheet HTML 1Page - Ferroxcube International Holding B.V. EP13 Datasheet HTML 2Page - Ferroxcube International Holding B.V. EP13 Datasheet HTML 3Page - Ferroxcube International Holding B.V. EP13 Datasheet HTML 4Page - Ferroxcube International Holding B.V. EP13 Datasheet HTML 5Page - Ferroxcube International Holding B.V. EP13 Datasheet HTML 6Page - Ferroxcube International Holding B.V. EP13 Datasheet HTML 7Page - Ferroxcube International Holding B.V. EP13 Datasheet HTML 8Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2008 Sep 01
695
Ferroxcube
EP cores and accessories
EP13
Properties of core sets under power conditions
Properties of core sets under power conditions (continued)
Note
1.
Measured at 60
°C.
GRADE
B (mT) at
CORE LOSS (W) at
H = 250 A/m;
f= 25 kHz;
T = 100
°C
f = 25 kHz;
= 200 mT;
T = 100
°C
f= 100 kHz;
= 100 mT;
T=100
°C
f= 100 kHz;
= 200 mT;
T = 100
°C
f= 400 kHz;
=50 mT;
T=100
°C
3C81
≥315
≤ 0.1
−−
−
3C91
≥315
−≤ 0.03(1)
≤ 0.17(1)
−
3C94
≥320
−≤ 0.04
≤ 0.22
−
3C96
≥340
−≤ 0.03
≤ 0.17
≤ 0.075
3F35
≥300
−−
−
≤ 0.04
3F3
≥315
−≤ 0.05
−≤ 0.1
GRADE
B (mT) at
CORE LOSS (W) at
H = 250 A/m;
f= 25 kHz;
T = 100
°C
f = 500 kHz;
=50mT;
T = 100
°C
f= 500 kHz;
= 100 mT;
T = 100
°C
f= 1 MHz;
=30mT;
T = 100
°C
f= 3 MHz;
=10 mT;
T=100
°C
3C81
≥315
−−
−
−
3C91
≥315
−−
−
−
3C94
≥320
−−
−
−
3C96
≥340
≤ 0.15
−−
−
3F35
≥300
≤ 0.06
≤ 0.45
−−
3F3
≥315
−−
−
−
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com