Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DC21 Datasheet(PDF) 1 Page - Schurter Inc.

Part # DC21
Description  IEC Appliance Inlet C14 with Line Switch 1- or 2-pole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DC21 Datasheet(HTML) 1 Page - Schurter Inc.

  DC21 Datasheet HTML 1Page - Schurter Inc. DC21 Datasheet HTML 2Page - Schurter Inc. DC21 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image

Power entry modules without line filter
DC2
www.schurter.com/pg05
Connectors
IEC Appliance Inlet C14 with Line Switch 1- or 2-pole
C14
70° C
Description
-PanelMount:
Screw-onmountingonPCB/fromrear-side
-2Functions:
ApplianceInletProtectionclassI,LineSwitch2-pole
-ForPCBmounting
-Alternative:versionwithlinefilterDC22
Approvals
-VDELicenseNumber:40007009
-ULLicenseNumber:E96454
Characteristics
-Ultra-compactdesign
-Allsingleelementsarealreadywired
Unwiredversionsavailableonrequest
-Lineswitchnon-illuminatedorilluminated
-Withorwithoutrear-sideinsulationcover
-Idealforapplicationwithhightransientloads
-QualifiedforuseinequipmentaccordingIEC/EN60950
Other versions on request
-FixingonPCBwithself-tappingscrews3mmorpre-insertednutsM3
-Otherrockermarking
-ForprotectionclassII
-Withoutcover
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,MatingConnectors,Distributor-Stock-
Check,Accessories
Technical Data
RatingsIEC
10A/250VAC;50Hz
RatingsUL/CSA
11A/125VAC;60Hz
DielectricStrength
>2.5kVACbetweenL-N
>3kVACbetweenL/N-PE
(1min/50Hz)
AllowableOperationTemp.
-25°Cto70°C
DegreeofProtection
fromfrontsideIP40acc.toIEC60529
ProtectionClass
Suitableforapplianceswithprotection
class1acc.toIEC61140
Terminal
ForPCBmounting;Groundterminal:
Quickconnectterminals4.8x0.8mm
PanelThicknesss
Screw:max3.5mm
Mountingscrewtorquemax0.5Nm
Material:Housing
Thermoplastic,black,UL94V-0
ApplianceInlet
C14acc.toIEC/EN60320-1,
UL498,CSAC22.2no.42(forcold
conditions)pin-temperature70°C,10A,
ProtectionClass1
LineSwitch
Rockerswitch2-pole,non-illuminated
orilluminated,acc.toIEC61058-1
Technicaldetails


Similar Part No. - DC21

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DC21 SCHURTER-DC21 Datasheet
278Kb / 3P
IEC Connector C15 for hot conditions, Rewireable, Angled
DC21 SCHURTER-DC21 Datasheet
415Kb / 4P
IEC Appliance Inlet C14 with Line Switch 2-pole
DC21 SCHURTER-DC21 Datasheet
425Kb / 4P
IEC Appliance Inlet C14 with Line Switch 2-pole
DC21 SCHURTER-DC21 Datasheet
428Kb / 4P
IEC Appliance Inlet C14 with Line Switch 2-pole
08.12.2021
logo
Dynex Semiconductor
DC210 DYNEX-DC210 Datasheet
257Kb / 3P
210 Centres Bar Clamp
More results

Similar Description - DC21

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6010-K SCHURTER-6010-K Datasheet
429Kb / 3P
IEC Appliance Inlet C14 with Line Switch 1- or 2-pole
DC11 SCHURTER-DC11 Datasheet
564Kb / 4P
IEC Appliance Inlet C14 with Line Switch 1- or 2-pole
KM00120511 SCHURTER-KM00120511 Datasheet
513Kb / 4P
IEC Appliance Inlet C14 with Fuseholder 2-pole, Line Switch 1- or 2-pole
KP01125211 SCHURTER-KP01125211 Datasheet
668Kb / 4P
IEC Appliance Inlet C14 with Line Switch 1- or 2-pole
DC11 SCHURTER-DC11_17 Datasheet
546Kb / 6P
IEC Appliance Inlet C14 or C18 with Line Switch 1- or 2-pole
DC11 SCHURTER-DC11_18 Datasheet
568Kb / 6P
IEC Appliance Inlet C14 or C18 with Line Switch 1- or 2-pole
DC11 SCHURTER-DC11_20 Datasheet
577Kb / 6P
IEC Appliance Inlet C14 or C18 with Line Switch 1- or 2-pole
DC11 SCHURTER-DC11_V01 Datasheet
585Kb / 6P
IEC Appliance Inlet C14 or C18 with Line Switch 1- or 2-pole
15.09.2021
DD11 SCHURTER-DD11_V01 Datasheet
480Kb / 6P
IEC Appliance Inlet C14 with Line Switch 2-pole, Fuseholder 1- or 2-pole
08.12.2021
KP01125211 SCHURTER-KP01125211_V01 Datasheet
577Kb / 6P
IEC Appliance Inlet C14 with Line Switch 1- or 2-pole
15.09.2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com