Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC366 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74HC366
Description  Hex buffer/line driver; 3-state; inverting
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC366 Datasheet(HTML) 4 Page - NXP Semiconductors

  74HC366 Datasheet HTML 1Page - NXP Semiconductors 74HC366 Datasheet HTML 2Page - NXP Semiconductors 74HC366 Datasheet HTML 3Page - NXP Semiconductors 74HC366 Datasheet HTML 4Page - NXP Semiconductors 74HC366 Datasheet HTML 5Page - NXP Semiconductors 74HC366 Datasheet HTML 6Page - NXP Semiconductors 74HC366 Datasheet HTML 7Page - NXP Semiconductors 74HC366 Datasheet HTML 8Page - NXP Semiconductors 74HC366 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
74HC_HCT366_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 21 November 2006
4 of 19
NXP Semiconductors
74HC366; 74HCT366
Hex buffer/line driver; 3-state; inverting
6.
Functional description
[1]
H = HIGH voltage level;
L = LOW voltage level;
X = don’t care;
Z = high-impedance OFF-state.
7.
Limiting values
[1]
For DIP16 package: Ptot derates linearly with 12 mW/K above 70 °C.
[2]
For SO16 package: Ptot derates linearly with 8 mW/K above 70 °C.
[3]
For SSOP16 and TSSOP16 packages: Ptot derates linearly with 5.5 mW/K above 60 °C.
8.
Recommended operating conditions
Table 3.
Function table[1]
Control
Input
Output
OE1
OE2
nA
nY
LLLH
LLH
L
XH
XZ
H
XXZ
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+7
V
IIK
input clamping current
VI < −0.5 V or VI >VCC + 0.5 V
-
±20
mA
IOK
output clamping current
VO < −0.5 V or VO >VCC + 0.5 V
-
±20
mA
IO
output current
VO = −0.5 V to (VCC + 0.5 V)
-
±35
mA
ICC
supply current
-
70
mA
IGND
ground current
-
−70
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
DIP16 package
[1] -
750
mW
SO16 package
[2] -
500
mW
SSOP16 package
[3] -
500
mW
TSSOP16 package
[3] -
500
mW
Table 5.
Recommended operating conditions
Symbol Parameter
Conditions
Min
Typ
Max
Unit
74HC366
VCC
supply voltage
2.0
5.0
6.0
V
VI
input voltage
0-
VCC
V
VO
output voltage
0
-
VCC
V
Tamb
ambient temperature
−40
+25
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com