Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC366 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74HC366
Description  Hex buffer/line driver; 3-state; inverting
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC366 Datasheet(HTML) 1 Page - NXP Semiconductors

  74HC366 Datasheet HTML 1Page - NXP Semiconductors 74HC366 Datasheet HTML 2Page - NXP Semiconductors 74HC366 Datasheet HTML 3Page - NXP Semiconductors 74HC366 Datasheet HTML 4Page - NXP Semiconductors 74HC366 Datasheet HTML 5Page - NXP Semiconductors 74HC366 Datasheet HTML 6Page - NXP Semiconductors 74HC366 Datasheet HTML 7Page - NXP Semiconductors 74HC366 Datasheet HTML 8Page - NXP Semiconductors 74HC366 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1.
General description
The 74HC366; 74HCT366 is a high-speed Si-gate CMOS device and is pin compatible
with Low-power Schottky TTL (LSTTL).
The 74HC366; 74HCT366 has six inverting buffer/line drivers with 3-state outputs. The
3-state outputs (nY) are controlled by the output enable inputs (OE1, OE2). A HIGH on
OEn causes the outputs to assume a high-impedance OFF-state.
The 74HC366; 74HCT366 is functionally identical to:
• 74HC365; 74HCT365, but has inverted outputs
2.
Features
I Inverting outputs
I Complies with JEDEC standard no. 7A
I ESD protection:
N HBM EIA/JESD22-A114-D exceeds 2000 V
N MM EIA/JESD22-A115-A exceeds 200 V
I Specified from −40 °Cto+85 °C and from −40 °C to +125 °C
3.
Ordering information
74HC366; 74HCT366
Hex buffer/line driver; 3-state; inverting
Rev. 03 — 21 November 2006
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range Name
Description
Version
74HC366
74HC366D
−40 °C to +125 °C
SO16
plastic small outline package; 16 leads; body width 3.9 mm SOT109-1
74HC366N
−40 °C to +125 °C
DIP16
plastic dual in-line package; 16 leads (300 mil); long body
SOT38-1
74HC366PW
−40 °C to +125 °C
TSSOP16
plastic thin shrink small outline package; 16 leads; body
width 4.4 mm
SOT403-1
74HCT366
74HCT366D
−40 °C to +125 °C
SO16
plastic small outline package; 16 leads; body width 3.9 mm SOT109-1
74HCT366DB
−40 °C to +125 °C
SSOP16
plastic shrink small outline package; 16 leads; body width
5.3 mm
SOT338-1
74HCT366N
−40 °C to +125 °C
DIP16
plastic dual in-line package; 16 leads (300 mil); long body
SOT38-1
74HCT366PW
−40 °C to +125 °C
TSSOP16
plastic thin shrink small outline package; 16 leads; body
width 4.4 mm
SOT403-1


Similar Part No. - 74HC366

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC366 PHILIPS-74HC366 Datasheet
46Kb / 7P
Hex buffer/line driver; 3-state; inverting
December 1990
logo
List of Unclassifed Man...
74HC366 ETC1-74HC366 Datasheet
168Kb / 4P
HEX BUFFER / LINE DRIVER 3-STATE INVERTING
logo
Nexperia B.V. All right...
74HC366 NEXPERIA-74HC366 Datasheet
272Kb / 17P
Hex buffer/line driver; 3-state; inverting
Rev. 6 - 17 February 2021
74HC366-Q100 NEXPERIA-74HC366-Q100 Datasheet
725Kb / 19P
Hex buffer/line driver; 3-state; inverting
logo
NXP Semiconductors
74HC366D PHILIPS-74HC366D Datasheet
46Kb / 7P
Hex buffer/line driver; 3-state; inverting
December 1990
More results

Similar Description - 74HC366

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC366 PHILIPS-74HC366 Datasheet
46Kb / 7P
Hex buffer/line driver; 3-state; inverting
December 1990
74HC368 PHILIPS-74HC368 Datasheet
47Kb / 7P
Hex buffer/line driver; 3-state; inverting
December 1990
74LV368 PHILIPS-74LV368 Datasheet
124Kb / 12P
Hex buffer/line driver; inverting 3-State
1998 May 29
logo
List of Unclassifed Man...
74HC366 ETC1-74HC366 Datasheet
168Kb / 4P
HEX BUFFER / LINE DRIVER 3-STATE INVERTING
74HC368 ETC1-74HC368 Datasheet
174Kb / 4P
HEX BUFFER / LINE DRIVER 3-STATE INVERTING
logo
NXP Semiconductors
74HC_HCT366 PHILIPS-74HC_HCT366_15 Datasheet
150Kb / 21P
Hex buffer/line driver; 3-state; inverting
Rev. 4-4 September 2012
74HC_HCT368_CNV PHILIPS-74HC_HCT368_CNV_15 Datasheet
53Kb / 7P
Hex buffer/line driver; 3-state; inverting
December 1990
logo
Nexperia B.V. All right...
74HC366-Q100 NEXPERIA-74HC366-Q100 Datasheet
725Kb / 19P
Hex buffer/line driver; 3-state; inverting
74HCT368 NEXPERIA-74HCT368 Datasheet
244Kb / 13P
Hex buffer/line driver; 3-state; inverting
Rev. 4 - 5 August 2021
74HCT366 NEXPERIA-74HCT366 Datasheet
272Kb / 17P
Hex buffer/line driver; 3-state; inverting
Rev. 6 - 17 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com