Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAL855UT-K Datasheet(PDF) 27 Page - Micronas

Part # HAL855UT-K
Description  Programmable Linear Hall-Effect Sensor with Arbitrary Output Characteristic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL855UT-K Datasheet(HTML) 27 Page - Micronas

Back Button HAL855UT-K Datasheet HTML 23Page - Micronas HAL855UT-K Datasheet HTML 24Page - Micronas HAL855UT-K Datasheet HTML 25Page - Micronas HAL855UT-K Datasheet HTML 26Page - Micronas HAL855UT-K Datasheet HTML 27Page - Micronas HAL855UT-K Datasheet HTML 28Page - Micronas HAL855UT-K Datasheet HTML 29Page - Micronas HAL855UT-K Datasheet HTML 30Page - Micronas HAL855UT-K Datasheet HTML 31Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
DATA SHEET
HAL855
Micronas
Nov. 26, 2008; DSH000149_003EN
27
4. Application Notes
Micronas recommends the following application cir-
cuits for HAL855. The first is recommended for appli-
cations with connection to a regualted 5 V supply; the
second schould be used for applications connected
dicrectly to the car battery and a pull-up to a 5 V line.
For both circuits, it is recommended to connect a
ceramic 4.7 nF capacitor between ground and the sup-
ply voltage, respectively, the output pin.
Fig. 4–1: Application circuit HAL855
Fig. 4–2: Application circuit HAL855 for connection
with car battery
4.1. Use of Two HAL855 in Parallel Operation
Two different HAL855 sensors which are operated in
parallel to the same supply and ground line can be
programmed individually. In order to select the IC
which should be programmed, both Hall ICs are deac-
tivated by the “Deactivate” command on the common
supply line. Then, the appropriate IC is activated by an
“Activate” pulse on its output. Only the activated sen-
sor will react to all following read, write, and program
commands. If the second IC has to be programmed,
the “Deactivate” command is sent again, and the sec-
ond IC can be selected.
Detailed information can be found in the application
note for the programmer board.
Fig. 4–3: Parallel operation of two HAL855
4.2. Measurement of a PWM Output Signal
In case that the PWM output mode is activated, the
magnetic field information is coded in the duty cycle of
the PWM signal. The duty cycle is defined as the ratio
between the high time “s” and the period “d” of the
PWM signal (see Fig. 4–4).
Note: The PWM signal is updated with the falling
edge. Hence, for signal evaluation, the trigger-
level must be the falling edge of the PWM sig-
nal.
Fig. 4–4: Definition of PWM signal
CP = 4.7 nF
1
2
3
VDD
GND
Vsupply = 5 V ±0.5 V
Rpull-up
System side
Sensor side
CL = 4.7 nF
OUT
CP = 4.7 nF
1
2
3
VDD
GND
Rpull-up
System side
Sensor side
CL = 4.7 nF
OUT
Vsupply = 8 V...18 V
Vpull-up = 5 V ±0.5 V
RP = 120 Ω
HAL 855
GND
10 nF
HAL855
4.7 nF
4.7 nF
Sensor A
Sensor B
VDD
OUT B & Select B
OUT A & Select A
Update
Out
time
Vhigh
Vlow
d
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com