Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAL855UT-K Datasheet(PDF) 31 Page - Micronas

Part # HAL855UT-K
Description  Programmable Linear Hall-Effect Sensor with Arbitrary Output Characteristic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL855UT-K Datasheet(HTML) 31 Page - Micronas

Back Button HAL855UT-K Datasheet HTML 27Page - Micronas HAL855UT-K Datasheet HTML 28Page - Micronas HAL855UT-K Datasheet HTML 29Page - Micronas HAL855UT-K Datasheet HTML 30Page - Micronas HAL855UT-K Datasheet HTML 31Page - Micronas HAL855UT-K Datasheet HTML 32Page - Micronas HAL855UT-K Datasheet HTML 33Page - Micronas HAL855UT-K Datasheet HTML 34Page - Micronas HAL855UT-K Datasheet HTML 35Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
DATA SHEET
HAL855
Micronas
Nov. 26, 2008; DSH000149_003EN
31
4.7.2. Operation after Reset in Biphase-M Mode with Provide Part Number Option Enabled
Fig. 4–6: Biphase-M after reset
Note: The part number is transmitted twice. The transmission time depends on the chosen bit time, but is max.
100 ms.
Part number max. 100 ms
DATA
First signal starts
No valid signal
Valid signal
time
OUTPUT
VDD
5 V
tPOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com