Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM1707 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AM1707
Description  AM1707 ARM Microprocessor
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1707 Datasheet(HTML) 1 Page - Texas Instruments

  AM1707 Datasheet HTML 1Page - Texas Instruments AM1707 Datasheet HTML 2Page - Texas Instruments AM1707 Datasheet HTML 3Page - Texas Instruments AM1707 Datasheet HTML 4Page - Texas Instruments AM1707 Datasheet HTML 5Page - Texas Instruments AM1707 Datasheet HTML 6Page - Texas Instruments AM1707 Datasheet HTML 7Page - Texas Instruments AM1707 Datasheet HTML 8Page - Texas Instruments AM1707 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 198 page
background image
AM1707
www.ti.com
SPRS637A – FEBRUARY 2010 – REVISED APRIL 2010
AM1707 ARM Microprocessor
Check for Samples: AM1707
1
AM1707 ARM Microprocessor
1.1
Features
123
– 32 Independent DMA Channels
• Highlights
– 8 Quick DMA Channels
– 375/456-MHz ARM926EJ-S™ RISC Core
– Programmable Transfer Burst Size
– ARM9 Memory Architecture
• 128K-Byte RAM Memory
– Programmable Real-Time Unit Subsystem
• 3.3V LVCMOS IOs (except for USB interfaces)
– Enhanced Direct-Memory-Access Controller
3 (EDMA3)
• Two External Memory Interfaces:
– Two External Memory Interfaces
– EMIFA
– Three Configurable 16550 type UART
•
NOR (8-/16-Bit-Wide Data)
Modules
•
NAND (8-/16-Bit-Wide Data)
– Two Serial Peripheral Interfaces (SPI)
•
16-Bit SDRAM With 128MB Address
– Multimedia Card (MMC)/Secure Digital (SD)
Space
Card Interface with Secure Data I/O (SDIO)
– EMIFB
– Two Master/Slave Inter-Integrated Circuit
•
32-Bit or 16-Bit SDRAM With 256MB
– USB 2.0 OTG Port With Integrated PHY
Address Space
– Three Multichannel Audio Serial Ports
• Three Configurable 16550 type UART Modules:
– 10/100 Mb/s Ethernet MAC (EMAC)
– UART0 With Modem Control Signals
– One 64-Bit General-Purpose Timer
– 16-byte FIFO
– One 64-bit General-Purpose/Watchdog Timer
– 16x or 13x Oversampling Option
– Three Enhanced Pulse Width Modulators
• LCD Controller
– Three 32-Bit Enhanced Capture Modules
• Two Serial Peripheral Interfaces (SPI) Each
With One Chip-Select
• Applications
• Programmable Real-Time Unit Subsystem
– Industrial Automation
(PRUSS)
– Home Automation
– Two Independent Programmable Realtime
– Test and Measurement
Unit (PRU) Cores
– Portable Data Terminals
•
32-Bit Load/Store RISC architecture
– Educational Consoles
•
4K Byte instruction RAM per core
– Power Protection Systems
•
512 Bytes data RAM per core
• 375/456-MHz ARM926EJ-S™ RISC Core
•
PRU Subsystem (PRUSS) can be disabled
– 32-Bit and 16-Bit (Thumb®) Instructions
via software to save power
– Single Cycle MAC
– Standard power management mechanism
– ARM® Jazelle® Technology
•
Clock gating
– EmbeddedICE-RT™ for Real-Time Debug
•
Entire subsystem under a single PSC
• ARM9 Memory Architecture
clock gating domain
– 16K-Byte Instruction Cache
– Dedicated interrupt controller
– 16K-Byte Data Cache
– Dedicated switched central resource
– 8K-Byte RAM (Vector Table)
• Multimedia Card (MMC)/Secure Digital (SD)
– 64K-Byte ROM
Card Interface with Secure Data I/O (SDIO)
• Enhanced Direct-Memory-Access Controller 3
• Two Master/Slave Inter-Integrated Circuit (I2C
(EDMA3):
Bus™)
– 2 Transfer Controllers
• One Host-Port Interface (HPI) With 16-Bit-Wide
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
ARM926EJ-S, EmbeddedICE-RT, ETM9, CoreSight are trademarks of ARM Limited.
3
ARM, Jazelle are registered trademarks of ARM Limited.
ADVANCE INFORMATION concerns new products in the sampling
Copyright © 2010, Texas Instruments Incorporated
or preproduction phase of development. Characteristic data and other
specifications are subject to change without notice.


Similar Part No. - AM1707

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM1707 TI-AM1707 Datasheet
1Mb / 198P
AM1707 ARM Microprocessor
AM1707 TI-AM1707 Datasheet
1Mb / 199P
ARM Microprocessor
AM1707 TI1-AM1707 Datasheet
1Mb / 201P
Microprocessor
AM1707 TI1-AM1707 Datasheet
1Mb / 200P
AM1707 ARM짰 Microprocessor
AM1707BZKB3 TI-AM1707BZKB3 Datasheet
1Mb / 198P
AM1707 ARM Microprocessor
More results

Similar Description - AM1707

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3517 TI-AM3517 Datasheet
2Mb / 184P
ARM Microprocessor
AM1707 TI-AM1707 Datasheet
1Mb / 198P
AM1707 ARM Microprocessor
AM1808_1004 TI-AM1808_1004 Datasheet
1Mb / 264P
AM1808 ARM Microprocessor
AM1705_1007 TI-AM1705_1007 Datasheet
1Mb / 156P
AM1705 ARM Microprocessor
AM1707_1008 TI-AM1707_1008 Datasheet
1Mb / 199P
ARM Microprocessor
AM1806_101 TI-AM1806_101 Datasheet
1Mb / 243P
ARM Microprocessor
AM1806 TI1-AM1806_11 Datasheet
1Mb / 244P
AM1806 ARM Microprocessor
APRIL2011
AM1808 TI1-AM1808_12 Datasheet
1Mb / 262P
ARM Microprocessor
AM1707 TI-AM1707_15 Datasheet
1Mb / 200P
AM1707 ARM짰 Microprocessor
AM1707 TI1-AM1707_16 Datasheet
1Mb / 200P
AM1707 ARM짰 Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com