Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM1707 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # AM1707
Description  AM1707 ARM Microprocessor
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1707 Datasheet(HTML) 19 Page - Texas Instruments

Back Button AM1707 Datasheet HTML 15Page - Texas Instruments AM1707 Datasheet HTML 16Page - Texas Instruments AM1707 Datasheet HTML 17Page - Texas Instruments AM1707 Datasheet HTML 18Page - Texas Instruments AM1707 Datasheet HTML 19Page - Texas Instruments AM1707 Datasheet HTML 20Page - Texas Instruments AM1707 Datasheet HTML 21Page - Texas Instruments AM1707 Datasheet HTML 22Page - Texas Instruments AM1707 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 198 page
background image
AM1707
www.ti.com
SPRS637A – FEBRUARY 2010 – REVISED APRIL 2010
3.6.5
External Memory Interface B (SDRAM only)
Table 3-7. External Memory Interface B (EMIFB) Terminal Functions
PIN No.
SIGNAL NAME
TYPE(1)
PULL(2)
MUXED
DESCRIPTION
ZKB
EMB_D[31]
G14
O
IPD
EMB_D[30]
F15
O
IPD
EMB_D[29]
F14
O
IPD
EMB_D[28]
E15
O
IPD
EMB_D[27]
E14
O
IPD
EMB_D[26]
A14
O
IPD
EMB_D[25]
B14
O
IPD
EMB_D[24]
A13
O
IPD
EMB_D[23]
L15
O
IPD
EMB_D[22]
L14
O
IPD
EMB_D[21]
K16
O
IPD
EMB_D[20]
K13
O
IPD
EMB_D[19]
J14
O
IPD
EMB_D[18]
H15
O
IPD
EMB_D[17]
H14
O
IPD
EMB_D[16]
G15
O
IPD
EMIFB SDRAM data bus.
EMB_D[15]/GP6[15]
F13
I/O
IPD
EMB_D[14]/GP6[14]
E16
I/O
IPD
EMB_D[13]/GP6[13]
E13
I/O
IPD
EMB_D[12]/GP6[12]
D16
I/O
IPD
EMB_D[11]/GP6[11]
D15
I/O
IPD
EMB_D[10]/GP6[10]
D14
I/O
IPD
EMB_D[9]/GP6[9]
D13
I/O
IPD
EMB_D[8]/GP6[8]
C16
I/O
IPD
GPIO
EMB_D[7]/GP6[7]
J16
I/O
IPD
EMB_D[6]/GP6[6]
J15
I/O
IPD
EMB_D[5]/GP6[5]
J13
I/O
IPD
EMB_D[4]/GP6[4]
H16
I/O
IPD
EMB_D[3]/GP6[3]
H13
I/O
IPD
EMB_D[2]/GP6[2]
G16
I/O
IPD
EMB_D[1]/GP6[1]
G13
I/O
IPD
EMB_D[0]/GP6[0]
F16
I/O
IPD
EMB_A[12]/GP3[13]
B15
O
IPD
EMB_A[11]/GP7[13]
B12
O
IPD
EMB_A[10]/GP7[12]
A9
O
IPD
EMB_A[9]/GP7[11]
C12
O
IPD
EMIFB SDRAM row/column
GPIO
address bus.
EMB_A[8]/GP7[10]
D12
O
IPD
EMB_A[7]/GP7[9]
A11
O
IPD
EMB_A[6]/GP7[8]
B11
O
IPD
EMB_A[5]/GP7[7]
C11
O
IPD
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: The pin type shown refers to the input, output or high-impedance state of the pin function when configured as the the signal name
highlighted in bold. All multiplexed signals may enter a high-impedance state when the configured function is input-only or the configured
function supports high-Z operation. All GPIO signals can be used as input or output. For multiplexed pins where functions have different
types (ie., input versus output), the table reflects the pin function direction for that particular peripheral.
(2)
IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor
Copyright © 2010, Texas Instruments Incorporated
Device Overview
19
Submit Documentation Feedback
Product Folder Link(s): AM1707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com