Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMPL138ZCEA3 Datasheet(PDF) 2 Page - Texas Instruments

Part # AMPL138ZCEA3
Description  OMAP-L138 Low-Power Applications Processor
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMPL138ZCEA3 Datasheet(HTML) 2 Page - Texas Instruments

  AMPL138ZCEA3 Datasheet HTML 1Page - Texas Instruments AMPL138ZCEA3 Datasheet HTML 2Page - Texas Instruments AMPL138ZCEA3 Datasheet HTML 3Page - Texas Instruments AMPL138ZCEA3 Datasheet HTML 4Page - Texas Instruments AMPL138ZCEA3 Datasheet HTML 5Page - Texas Instruments AMPL138ZCEA3 Datasheet HTML 6Page - Texas Instruments AMPL138ZCEA3 Datasheet HTML 7Page - Texas Instruments AMPL138ZCEA3 Datasheet HTML 8Page - Texas Instruments AMPL138ZCEA3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 268 page
background image
OMAP-L138 Low-Power Applications Processor
SPRS586A – JUNE 2009 – REVISED AUGUST 2009
www.ti.com
–
RMII Reduced Media Independent Interface
With Multiple Chip-Selects
–
Management Data I/O (MDIO) Module
• Two Multimedia Card (MMC)/Secure Digital
• Video Port Interface (VPIF):
(SD) Card Interface with Secure Data I/O
(SDIO) Interfaces
–
Two 8-bit SD (BT.656), Single 16-bit or
Single Raw (8-/10-/12-bit) Video Capture
• Two Master/Slave Inter-Integrated Circuit (I2C
Channels
Bus™)
–
Two 8-bit SD (BT.656), Single 16-bit Video
• One Host-Port Interface (HPI) With 16-Bit-Wide
Display Channels
Muxed Address/Data Bus For High Bandwidth
• Universal Parallel Port (uPP):
• Programmable Real-Time Unit Subsystem
–
High-Speed Parallel Interface to FPGAs and
(PRUSS)
Data Converters
–
Two Independent Programmable Realtime
–
Data Width on Each of Two Channels is 8-
Unit (PRU) Cores
to 16-bit Inclusive
• 32-Bit Load/Store RISC architecture
–
Single Data Rate or Dual Data Rate
• 4K Byte instruction RAM per core
Transfers
• 512 Bytes data RAM per core
–
Supports Multiple Interfaces with START,
• PRU Subsystem (PRUSS) can be
ENABLE and WAIT Controls
disabled via software to save power
• Serial ATA (SATA) Controller:
• Register 30 of each PRU is exported
–
Supports SATA I (1.5 Gbps) and SATA II
from the subsystem in addition to the
(3.0 Gbps)
normal R31 output of the PRU cores.
–
Supports all SATA Power Management
–
Standard power management mechanism
Features
• Clock gating
–
Hardware-Assisted Native Command
• Entire subsystem under a single PSC
Queueing (NCQ) for up to 32 Entries
clock gating domain
–
Supports Port Multiplier and
–
Dedicated interrupt controller
Command-Based Switching
–
Dedicated switched central resource
• Real-Time Clock With 32 KHz Oscillator and
• USB 1.1 OHCI (Host) With Integrated PHY
Separate Power Rail
(USB1)
• Three 64-Bit General-Purpose Timers
• USB 2.0 OTG Port With Integrated PHY (USB0)
(Configurable as Two 32-Bit Timers)
–
USB 2.0 High-/Full-Speed Client
• One 64-Bit General-Purpose Timer (Watch
–
USB 2.0 High-/Full-/Low-Speed Host
Dog)
–
End Point 0 (Control)
• Two Enhanced Pulse Width Modulators
–
End Points 1,2,3,4 (Control, Bulk, Interrupt
(eHRPWM):
or ISOC) Rx and Tx
–
Dedicated 16-Bit Time-Base Counter With
• One Multichannel Audio Serial Port:
Period And Frequency Control
–
Transmit/Receive Clocks up to 50 MHz
–
6 Single Edge, 6 Dual Edge Symmetric or 3
–
Two Clock Zones and 16 Serial Data Pins
Dual Edge Asymmetric Outputs
–
Supports TDM, I2S, and Similar Formats
–
Dead-Band Generation
–
DIT-Capable
–
PWM Chopping by High-Frequency Carrier
–
FIFO buffers for Transmit and Receive
–
Trip Zone Input
• Two Multichannel Buffered Serial Ports:
• Three 32-Bit Enhanced Capture Modules
–
Transmit/Receive Clocks up to 50 MHz
(eCAP):
–
Two Clock Zones and 16 Serial Data Pins
–
Configurable as 3 Capture Inputs or 3
Auxiliary Pulse Width Modulator (APWM)
–
Supports TDM, I2S, and Similar Formats
outputs
–
AC97 Audio Codec Interface
–
Single Shot Capture of up to Four Event
–
Telecom Interfaces (ST-Bus, H100)
Time-Stamps
–
128-channel TDM
• 361-Ball Pb-Free Plastic Ball Grid Array
–
FIFO buffers for Transmit and Receive
(PBGA) [ZCE Suffix], 0.65-mm Ball Pitch
• 10/100 Mb/s Ethernet MAC (EMAC):
• 361-Ball Pb-Free Plastic Ball Grid Array
–
IEEE 802.3 Compliant
(PBGA) [ZWT Suffix], 0.80-mm Ball Pitch
–
MII Media Independent Interface
OMAP-L138 Low-Power Applications Processor
CopyrightNote
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com