| Electronic Components Datasheet Search |
|
TMS320DM647ZUT1 Datasheet(PDF) 5 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM647ZUT1 Datasheet(HTML) 5 Page - Texas Instruments |
|
5 / 181 page ![]() TMS320DM647 TMS320DM648 www.ti.com SPRS372F – JANUARY 2010 – REVISED SEPTEMBER 2009 6.2 Recommended Clock and Control Signal Transition 1 Features ................................................... 1 Behavior ............................................ 59 1.1 Trademarks .......................................... 2 6.3 Power Supplies ..................................... 59 1.2 Description ........................................... 2 6.4 PLL1 Controller ..................................... 65 1.3 Functional Block Diagram ............................ 4 6.5 PLL2 Controller ..................................... 69 Revision History .............................................. 6 6.6 Enhanced Direct Memory Access (EDMA3) Controller ........................................... 71 2 Device Overview ........................................ 7 6.7 Reset Controller .................................... 84 2.1 Device Characteristics ............................... 7 6.8 Interrupts ............................................ 89 2.2 CPU (DSP Core) Description ........................ 8 6.9 DDR2 Memory Controller ........................... 93 2.3 C64x+ CPU ......................................... 11 6.10 External Memory Interface A (EMIFA) ............ 104 2.4 Memory Map Summary ............................. 12 6.11 Video Port ......................................... 111 2.5 Pin Assignments .................................... 16 6.12 VCXO Interpolated Control (VIC) ................. 119 2.6 Terminal Functions ................................. 20 6.13 Universal Asynchronous Receiver/Transmitter 2.7 Device Support ..................................... 34 (UART) ............................................ 121 3 Device Configuration ................................. 38 6.14 Serial Peripheral Interface Port (SPI) ............. 123 6.15 Inter-Integrated Circuit (I2C) ...................... 127 3.1 System Module Registers .......................... 38 6.16 Host-Port Interface (HPI) Peripheral .............. 131 3.2 Bootmode Registers ................................ 39 6.17 Peripheral Component Interconnect (PCI) ........ 142 3.3 Pullup/Pulldown Resistors .......................... 49 6.18 Multichannel Audio Serial Port (McASP) .......... 147 4 System Interconnect .................................. 50 6.19 3-Port Ethernet Switch Subsystem (3PSW) ....... 155 4.1 Internal Buses, Bridges, and Switch Fabrics ....... 50 6.20 Management Data Input/Output (MDIO) .......... 165 4.2 Data Switch Fabric Connections ................... 50 6.21 Timers ............................................. 166 4.3 Configuration Switch Fabric ........................ 52 6.22 VLYNQ Peripheral ................................. 168 5 Device Operating Conditions ....................... 54 6.23 General-Purpose Input/Output (GPIO) ............ 171 5.1 Absolute Maximum Ratings ........................ 54 6.24 Emulation Features and Capability ............... 173 6.25 IEEE 1149.1 JTAG ................................ 174 5.2 Recommended Operating Conditions .............. 55 7 Mechanical Data ...................................... 176 5.3 Electrical Characteristics ........................... 56 7.1 Thermal Data for ZUT ............................. 176 6 Peripheral Information and Electrical Specifications .......................................... 57 7.2 Packaging Information ............................ 177 6.1 Parameter Information .............................. 57 Copyright © 2010–2009, Texas Instruments Incorporated Contents 5 Submit Documentation Feedback Product Folder Link(s): TMS320DM647 TMS320DM648 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |