Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM647ZUT1 Datasheet(PDF) 65 Page - Texas Instruments

Part # TMS320DM647ZUT1
Description  Digital Media Processor
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647ZUT1 Datasheet(HTML) 65 Page - Texas Instruments

Back Button TMS320DM647ZUT1 Datasheet HTML 61Page - Texas Instruments TMS320DM647ZUT1 Datasheet HTML 62Page - Texas Instruments TMS320DM647ZUT1 Datasheet HTML 63Page - Texas Instruments TMS320DM647ZUT1 Datasheet HTML 64Page - Texas Instruments TMS320DM647ZUT1 Datasheet HTML 65Page - Texas Instruments TMS320DM647ZUT1 Datasheet HTML 66Page - Texas Instruments TMS320DM647ZUT1 Datasheet HTML 67Page - Texas Instruments TMS320DM647ZUT1 Datasheet HTML 68Page - Texas Instruments TMS320DM647ZUT1 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 181 page
background image
1
0
DIVIDERD4
CLKIN1
PLLEN(PLLCTL.[0])
SYSCLK1
SYSCLK2
AECLKIN(ExternalEMIFClockInput)
EMIFA
DIVIDERPREDIV
DIVIDERD1
DIVIDERD2
AECLKOUT
PLLV1
C2
C1
EMIFilter
+1.8V
560pF 0.1 F
SYSCLK5
SYSREFCLK
(C64x+MegaModule)
DIVIDERD5
PLL1Controller
(EMIFInputClock)
/1,/2,/3
ENA
PREDEN(PREDIV.[15])
/3
ENA
/4.../8
PLL1
D4EN(PLLDIV4.[15])
SYSCLK4
(Internal
EMIFClock
Input)
SYSCLK5
SYSCLK3
DIVIDERD3
/6
SYSCLK6
DIVIDERD6
ENA
D2EN(PLLDIV2.[15])
/1,/2,
...,/8
(EmulationandTrace)
VICP cop_clk/2
VICP cop_clk
/4
/2
01
AECLKINSEL
(AEA[17]pin)
10
VCLK
VLYNQ
CLKDIR
(CTRL.[15])
/1,/2,
...,/8
CLKDIV
(CTRL.[18:16])
/2
PLLM
x1,
x16tox32
TMS320DM647
TMS320DM648
www.ti.com
SPRS372F – JANUARY 2010 – REVISED SEPTEMBER 2009
6.4
PLL1 Controller
The primary PLL controller generates the input clock to the C64x+ megamodule (including the CPU) as
well as most of the system peripherals such as the multichannel audio serial ports (McASPs) and the
external memory interface (EMIFA). Figure 6-5 shows a functional block diagram of the PLL Input Clock.
Figure 6-5. PLL Input Clock
As shown in Figure 6-5, the PLL1 controller features a software-programmable PLL multiplier controller
(PLLM) and seven dividers (PREDIV, D1, D2, D3, D4, D5). The PLL1 controller uses the device input
Copyright © 2010–2009, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
65
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com