Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC3G34GD Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74LVC3G34GD
Description  Triple buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC3G34GD Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74LVC3G34GD Datasheet HTML 4Page - NXP Semiconductors 74LVC3G34GD Datasheet HTML 5Page - NXP Semiconductors 74LVC3G34GD Datasheet HTML 6Page - NXP Semiconductors 74LVC3G34GD Datasheet HTML 7Page - NXP Semiconductors 74LVC3G34GD Datasheet HTML 8Page - NXP Semiconductors 74LVC3G34GD Datasheet HTML 9Page - NXP Semiconductors 74LVC3G34GD Datasheet HTML 10Page - NXP Semiconductors 74LVC3G34GD Datasheet HTML 11Page - NXP Semiconductors 74LVC3G34GD Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
74LVC3G34_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 9 May 2008
8 of 16
NXP Semiconductors
74LVC3G34
Triple buffer
12. AC waveforms
Measurement points are given in Table 9.
Logic levels: VOL and VOH are typical output voltage
levels that occur with the output load.
Test data is given in Table 10.
Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe
capacitance.
RT = Termination resistance should be equal to the
output impedance Zo of the pulse generator.
VEXT = External voltage for measuring switching times.
Fig 8.
The data input (nA) to output (nY) propagation
delays
Fig 9.
Test circuit for measuring switching times
mnb072
nA input
nY output
tPLH
tPHL
GND
VI
VM
VM
VM
VM
VOH
VOL
VEXT
VCC
VI
VO
mna616
DUT
CL
RT
RL
RL
G
Table 9.
Measurement points
Supply voltage
Input
Output
VCC
VM
VM
1.65 V to 1.95 V
0.5
× V
CC
0.5
× V
CC
2.3 V to 2.7 V
0.5
× V
CC
0.5
× V
CC
2.7 V
1.5 V
1.5 V
3.0 V to 3.6 V
1.5 V
1.5 V
4.5 V to 5.5 V
0.5
× VCC
0.5
× V
CC
Table 10.
Test data
Supply voltage
Input
Load
VEXT
VCC
VI
tr =tf
CL
RL
tPLH, tPHL
1.65 V to 1.95 V
VCC
≤ 2.0 ns
30 pF
1 k
Ω
open
2.3 V to 2.7 V
VCC
≤ 2.0 ns
30 pF
500
Ω
open
2.7 V
2.7 V
≤ 2.5 ns
50 pF
500
Ω
open
3.0 V to 3.6 V
2.7 V
≤ 2.5 ns
50 pF
500
Ω
open
4.5 V to 5.5 V
VCC
≤ 2.5 ns
50 pF
500
Ω
open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com