Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC3G34GD Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74LVC3G34GD
Description  Triple buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC3G34GD Datasheet(HTML) 1 Page - NXP Semiconductors

  74LVC3G34GD Datasheet HTML 1Page - NXP Semiconductors 74LVC3G34GD Datasheet HTML 2Page - NXP Semiconductors 74LVC3G34GD Datasheet HTML 3Page - NXP Semiconductors 74LVC3G34GD Datasheet HTML 4Page - NXP Semiconductors 74LVC3G34GD Datasheet HTML 5Page - NXP Semiconductors 74LVC3G34GD Datasheet HTML 6Page - NXP Semiconductors 74LVC3G34GD Datasheet HTML 7Page - NXP Semiconductors 74LVC3G34GD Datasheet HTML 8Page - NXP Semiconductors 74LVC3G34GD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.
General description
The 74LVC3G34 provides three buffers.
The inputs can be driven from either 3.3 V or 5 V devices. This feature allows the use of
the 74LVC3G34 as a translator in a mixed 3.3 V and 5 V environment.
This device is fully specified for partial power-down applications using IOFF. The IOFF
circuitry disables the output, preventing a damaging backflow current through the device
when it is powered down.
2.
Features
I Wide supply voltage range from 1.65 V to 5.5 V
I 5 V tolerant input/output for interfacing with 5 V logic
I High noise immunity
I Complies with JEDEC standard:
N JESD8-7 (1.65 V to 1.95 V)
N JESD8-5 (2.3 V to 2.7 V)
N JESD8B/JESD36 (2.7 V to 3.6 V)
I ESD protection:
N HBM JESD22-A114E exceeds 2000 V
N MM JESD22-A115-A exceeds 200 V
I ±24 mA output drive (VCC = 3.0 V)
I CMOS low power consumption
I Latch-up performance exceeds 250 mA
I Direct interface with TTL levels
I Multiple package options
I Specified from −40 °C to +85 °C and −40 °C to +125 °C
74LVC3G34
Triple buffer
Rev. 07 — 9 May 2008
Product data sheet


Similar Part No. - 74LVC3G34GD

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC3G34GF NEXPERIA-74LVC3G34GF Datasheet
258Kb / 16P
Triple buffer
Rev. 14 - 25 August 2021
logo
NXP Semiconductors
74LVC3G34GM NXP-74LVC3G34GM Datasheet
87Kb / 14P
Triple buffer
Rev. 05-5 October 2007
logo
Nexperia B.V. All right...
74LVC3G34GN NEXPERIA-74LVC3G34GN Datasheet
258Kb / 16P
Triple buffer
Rev. 14 - 25 August 2021
74LVC3G34GS NEXPERIA-74LVC3G34GS Datasheet
258Kb / 16P
Triple buffer
Rev. 14 - 25 August 2021
logo
NXP Semiconductors
74LVC3G34GT PHILIPS-74LVC3G34GT Datasheet
79Kb / 14P
Triple buffer gate
Rev. 03-31 January 2005
More results

Similar Description - 74LVC3G34GD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V2G70 STMICROELECTRONICS-74V2G70 Datasheet
129Kb / 8P
TRIPLE BUFFER
Jun-2003
74V2T70 STMICROELECTRONICS-74V2T70 Datasheet
124Kb / 7P
TRIPLE BUFFER
Jun-2003
logo
ON Semiconductor
NL37WZ16 ONSEMI-NL37WZ16 Datasheet
89Kb / 8P
Triple Buffer
November, 2003 ??Rev. 2
NL37WZ16 ONSEMI-NL37WZ16_06 Datasheet
69Kb / 5P
Triple Buffer
April, 2006 ??Rev. 4
logo
NXP Semiconductors
74LVC3G34 NXP-74LVC3G34 Datasheet
87Kb / 14P
Triple buffer
Rev. 05-5 October 2007
logo
ON Semiconductor
NL37WZ16 ONSEMI-NL37WZ16_12 Datasheet
105Kb / 5P
Triple Buffer
April, 2012 ??Rev. 7
NL37WZ16 ONSEMI-NL37WZ16_14 Datasheet
69Kb / 5P
Triple Buffer
July, 2014 ??Rev. 8
logo
Nexperia B.V. All right...
74LVC3G16 NEXPERIA-74LVC3G16 Datasheet
762Kb / 15P
Triple buffer
74LVC3G34-Q100 NEXPERIA-74LVC3G34-Q100 Datasheet
200Kb / 11P
Triple buffer
74LVC3G34 NEXPERIA-74LVC3G34 Datasheet
258Kb / 16P
Triple buffer
Rev. 14 - 25 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com